Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSS901EASB Datasheet(PDF) 7 Page - ATMEL Corporation

Part # TSS901EASB
Description  Tripple Point to Point IEEE 1355 High Speed Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS901EASB Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button TSS901EASB Datasheet HTML 3Page - ATMEL Corporation TSS901EASB Datasheet HTML 4Page - ATMEL Corporation TSS901EASB Datasheet HTML 5Page - ATMEL Corporation TSS901EASB Datasheet HTML 6Page - ATMEL Corporation TSS901EASB Datasheet HTML 7Page - ATMEL Corporation TSS901EASB Datasheet HTML 8Page - ATMEL Corporation TSS901EASB Datasheet HTML 9Page - ATMEL Corporation TSS901EASB Datasheet HTML 10Page - ATMEL Corporation TSS901EASB Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7
TSS901E
Rev. C – 24-Aug-01
Register Set
This chapter describes the TSS901E registers which can be read or written by the HOCI
or via the link (in case the "control by link" is enabled) to control TSS901E operations.
All TSS901E control operations are performed by writes or reads of the respective regis-
ters. Most of the control operations are obvious from the content of the registers.
General Conventions:
•
bit 0 (D0) = least significant bit,
•
bit 7 (D7) = most significant bit (or bit 15 resp. bit 31)
•
D x:0 means data bit x until bit 0.
Access by HOCI: HOCI data transfer
Big/Little endian selection of the HOCI is done using a special pin (HOSTBIGE) of the
TSS901E. By connecting this pin to either Vcc or GND the HOCI is configured to be in
little or big endian mode as follows:
When Signal HOSTBIGE = '0' (GND), the HOCI data port is in little endian mode.
When Signal HOSTBIGE = '1' (Vcc), the HOCI data port is in big endian mode.
Little endian mode selected:
•
8 bit data port (default after reset)
–
register byte 0 is connected with pin HDATA0 - HDATA7
•
16 bit data port
–
register byte 0 is connected with pin HDATA0 - HDATA7
–
register byte 1 is connected with pin HDATA8 - HDATA15
•
32 bit data port
–
register byte 0 is connected with pin HDATA0 - HDATA7
–
register byte 1 is connected with pin HDATA8 - HDATA15
–
register byte 2 is connected with pin HDATA16 - HDATA23
–
register byte 3 is connected with pin HDATA24 - HDATA31
Big endian mode selected:
•
8 bit data port (default after reset)
–
register byte 0 is connected with pin HDATA24 - HDATA31
•
16 bit data port
–
register byte 0 is connected with pin HDATA24 - HDATA31
–
register byte 1 is connected with pin HDATA16 - HDATA23
•
32 bit data port
–
register byte 0 is connected with pin HDATA24 - HDATA31
–
register byte 1 is connected with pin HDATA16 - HDATA23
–
register byte 2 is connected with pin HDATA8 - HDATA15
–
register byte 3 is connected with pin HDATA0 - HDATA7
The registers of the TSS901E are 1, 2 or 4 Bytes wide. That means, if the HOCI data
port is in 8 bit mode, 4 read or write accesses are necessary to access a 4 Byte register
(e. g. the interrupt mask register). In 16/32 bit mode the data bits 31 - 8 are '0' if an 8 bit
register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com