Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSS901EASB Datasheet(PDF) 13 Page - ATMEL Corporation

Part # TSS901EASB
Description  Tripple Point to Point IEEE 1355 High Speed Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS901EASB Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button TSS901EASB Datasheet HTML 9Page - ATMEL Corporation TSS901EASB Datasheet HTML 10Page - ATMEL Corporation TSS901EASB Datasheet HTML 11Page - ATMEL Corporation TSS901EASB Datasheet HTML 12Page - ATMEL Corporation TSS901EASB Datasheet HTML 13Page - ATMEL Corporation TSS901EASB Datasheet HTML 14Page - ATMEL Corporation TSS901EASB Datasheet HTML 15Page - ATMEL Corporation TSS901EASB Datasheet HTML 16Page - ATMEL Corporation TSS901EASB Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
13
TSS901E
Rev. C – 24-Aug-01
Signal Description
The Figure below shows the TSS901E (also called SMCS332) embedded in a typical
module environment:
This section describes the pins of the TSS901E. Groups of pins represent busses where
the highest number is the MSB.
O = Output; I = Input; Z = High Impedance; (*) = active low signalO/Z = if using a config-
uration with two TSS901Es these signals can directly be connected together (WIROR)
Signal Name
Type
Function
max. output
current [mA]
load [pF]
HSEL*
I
Select host interface
HRD*
I
host interface read strobe
HWR*
I
host interface write strobe
HADR(7:0)
I
TSS901E register address lines. This address lines will be
used to access (address) the TSS901E registers.
HDATA(31:0)
IO/Z
TSS901E data
3
50
HACK
O/Z
host acknowledge. TSS901E deasserts this output to add wait
states to a TSS901E access. After TSS901E is ready this
output will be asserted.
350
HINTR*
O/Z
host interrupt request line
3
50
TSS901EADR(3:0
)
I
TSS901E Address. The binary value of this lines will be
compared with the value of the TSS901E ID lines.
TSS901EID(3:0)
I
TSS901E ID lines: offers possibility to use sixteen TSS901E
within one HSEL*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com