Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSS901EASB Datasheet(PDF) 14 Page - ATMEL Corporation

Part # TSS901EASB
Description  Tripple Point to Point IEEE 1355 High Speed Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS901EASB Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button TSS901EASB Datasheet HTML 10Page - ATMEL Corporation TSS901EASB Datasheet HTML 11Page - ATMEL Corporation TSS901EASB Datasheet HTML 12Page - ATMEL Corporation TSS901EASB Datasheet HTML 13Page - ATMEL Corporation TSS901EASB Datasheet HTML 14Page - ATMEL Corporation TSS901EASB Datasheet HTML 15Page - ATMEL Corporation TSS901EASB Datasheet HTML 16Page - ATMEL Corporation TSS901EASB Datasheet HTML 17Page - ATMEL Corporation TSS901EASB Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
14
TSS901E
Rev. C – 24-Aug-01
HOSTBIGE
I
1: host I/F Big Endian
0: host I/F Little Endian
BOOTLINK
I
1: control by link
0: control by host
CMCS(1:0)*
O/Z
Communication memory select lines. These pins are asserted
as chip selects for the corresponding banks of the
communication memory.
825
CMRD*
O/Z
Communication memory read strobe. This pin is asserted when
the TSS901E reads data from memory.
825
CMWR*
O/Z
Communication memory write strobe. This pin is asserted
when the TSS901E writes to data memory.
825
CMADR(15:0)
O/Z
Communication memory address. The TSS901E outputs an
address on these pins.
825
CMDATA(31:0)
IOZ
Communication memory data. The TSS901E inputs and
outputs data from and to com. memory on these pins.
350
COCI
I
Communication interface ’occupied’ input signal
3
50
COCO
O/Z
Communication interface ’occupied’ output signal
CAM
I
Communication interface arbitration master input signal
1: master
0: slave
CPUR*
O/Z
CPU Reset Signal
3
50
SES(3:0)*
O/Z
Specific External Signals
3
50
LDI1
I
Link Data Input channel 1
LSI1
I
Link Strobe Input channel 1
LDO1
O/Z
Link Data Output channel 1
12
25
LSO1
O/Z
Link Strobe Output channel 1
12
25
LEN1
O/Z
Link Enable Out (for external drivers)
3
50
LDI2
I
Link Data Input channel 2
LSI2
I
Link Strobe Input channel 2
LDO2
O/Z
Link Data Output channel 2
12
25
LSO2
O/Z
Link Strobe Output channel 2
12
25
LEN2
O/Z
Link Enable Out (for external drivers)
3
50
LDI3
I
Link Data Input channel 3
LSI3
I
Link Strobe Input channel 3
LDO3
O/Z
Link Data Output channel 3
12
25
LSO3
O/Z
Link Strobe Output channel 3
12
25
LEN3
O/Z
Link Enable Out (for external drivers)
3
50
TRST*
I
Test Reset. Resets the test state machine.
Signal Name
Type
Function
max. output
current [mA]
load [pF]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com