Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSS901EASB Datasheet(PDF) 30 Page - ATMEL Corporation

Part # TSS901EASB
Description  Tripple Point to Point IEEE 1355 High Speed Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS901EASB Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button TSS901EASB Datasheet HTML 23Page - ATMEL Corporation TSS901EASB Datasheet HTML 24Page - ATMEL Corporation TSS901EASB Datasheet HTML 25Page - ATMEL Corporation TSS901EASB Datasheet HTML 26Page - ATMEL Corporation TSS901EASB Datasheet HTML 27Page - ATMEL Corporation TSS901EASB Datasheet HTML 28Page - ATMEL Corporation TSS901EASB Datasheet HTML 29Page - ATMEL Corporation TSS901EASB Datasheet HTML 30Page - ATMEL Corporation TSS901EASB Datasheet HTML 31Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
30
TSS901E
Rev. C – 24-Aug-01
Ordering Information
(*) Contact factory
Part-number
Temp. Range
Package
Quality Flow
TSS901EMA-E
25°C
MQFPL 196-pin
Engineering sample
TSS901EAM
-55°C +125°C
MQFPL 196-pin
MIL
5962-01A1701QXC
-55°C +125°C
MQFPL 196-pin
QML-Q
TSS901EA/883(*)
-55°C +125°C
MQFPL 196-pin
/883S Class B
TSS901EASC
-55°C +125°C
MQFPL 196-pin
SCC 9000 level C
5962-01A1701VXC
-55°C +125°C
MQFPL 196-pin
QML-V
TSS901EASB
-55°C +125°C
MQFPL 196-pin
SCC 9000 level B
TSS901EAS/883(*)
-55°C +125°C
MQFPL 196-pin
/883S Class S
TSS901EMC-E
25°C
Die
Engineering sample
5962-01A1701Q9A
-55°C +125°CDie
QML-Q
5962-01A1701V9A
-55°C +125°CDie
QML-V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com