Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-P302 Datasheet(PDF) 4 Page - Broadcom Corporation.

Part # ACPL-P302
Description  0.4-Amp Output Current IGBT Gate Driver Optocouplers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-P302 Datasheet(HTML) 4 Page - Broadcom Corporation.

  ACPL-P302 Datasheet HTML 1Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 2Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 3Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 4Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 5Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 6Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 7Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 8Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Broadcom Confidential
- 4 -
ACPL-P302/ACPL-W302
Data Sheet
Recommended Pb-Free IR Profile
Recommended reflow condition as per JEDEC Standard, J-STD-020 (latest revision). Non-Halide Flux should be used.
Regulatory Information
The ACPL-P302/W302 is approved by the following organizations:
UL
Approval under UL 1577 component recognition program up to VISO = 3750VRMS for the ACPL-P302 and
VISO = 5000VRMS for the ACPL-W302, File E55361.
CSA
CSA Component Acceptance Notice #5, File CA 88324
IEC/EN/DIN
EN 60747-5-5
(Option 060 Only)
Approval under: IEC 60747-5-5:2007
IEC/EN/DIN EN 60747-5-5 Insulation Characteristics* (Option 060)
Description
Symbol
ACPL-
W302
ACPL-
P302
Unit
Installation classification per DIN VDE 0110/39, Table 1
for rated mains voltage ≤ 150VRMS
for rated mains voltage ≤ 300VRMS
for rated mains voltage ≤ 450VRMS
for rated mains voltage ≤ 600VRMS
for rated mains voltage ≤ 1000VRMS
I-IV
I-IV
I-IV
I-IV
I-III
I-IV
I-IV
I-III
I-III
Climatic Classification
55/100/21
55/100/21
Pollution Degree (DIN VDE 0110/39)
2
2
Maximum Working Insulation Voltage
VIORM
1140
891
Vpeak
Input to Output Test Voltage, Method b*
VIORM × 1.875 = VPR, 100% Production Test with tm =1 sec, Partial discharge < 5 pC
VPR
2137
1670
Vpeak
Input to Output Test Voltage, Method a*
VIORM × 1.6 = VPR, Type and Sample Test, tm =10 sec, Partial discharge < 5 pC
VPR
1824
1426
Vpeak
Highest Allowable Overvoltage*
(Transient Overvoltage tini = 60 sec)
VIOTM
8000
6000
Vpeak
Safety-limiting values – maximum values allowed in the event of a failure
Case Temperature
TS
175
175
°C
Input Current
IS, INPUT
230
230
mA
Output Power
PS, OUTPUT
600
600
mW
Insulation Resistance at TS, VIO = 500V
RS
≤109
≤109
Ω
* Refer to IEC/EN/DIN EN 60747-5-5 Optoisolator Safety Standard section of the Broadcom Regulatory Guide to Isolation Circuits, AV02-2041EN for a detailed
description of Method a and Method b partial discharge test profiles.
** Refer to the following figure for dependence of PS and IS on ambient temperature.
0
0
TS – CASE TEMPERATURE – °C
200
600
400
25
800
50
75 100
200
150 175
PS (mW)
125
100
300
500
700
IS (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com