Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-P302 Datasheet(PDF) 10 Page - Broadcom Corporation.

Part # ACPL-P302
Description  0.4-Amp Output Current IGBT Gate Driver Optocouplers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-P302 Datasheet(HTML) 10 Page - Broadcom Corporation.

Back Button ACPL-P302 Datasheet HTML 6Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 7Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 8Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 9Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 10Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 11Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 12Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 13Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 14Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Broadcom Confidential
- 10 -
ACPL-P302/ACPL-W302
Data Sheet
+
-
500 W
I
F = 7 to 16 mA
+
-
V
CC = 15
to 30 V
75 W
1.5 nF
V
O
6
1
5
2
4
3
0.1 mF
10 KHz
50% DUTY
CYCLE
+
-
+
-
1
2
3
+
-
+
-
1
2
3
1
2
3
A
+
-
I
F
+
-
V
CC = 30V
V
O
6
1
5
2
4
3
0.1 mF
V
CM = 1000V
5 V
B
+
-
+
-
+
-
+
-
Figure 13 Transfer Characteristics
Figure 14 Input Current vs. Forward Voltage
Figure 15 Propagation Delay Test Circuit and Waveforms
Figure 16 CMR Test Circuit and Waveforms
0
-5
IF – FORWARD LED CURRENT – mA
6
25
15
1
35
2
3
4
5
5
0
10
20
30
1.2
0
VF – FORWARD VOLTAGE – V
1.8
25
1.4
1.6
5
10
15
20
IF
VOUT
tPHL
tPLH
tf
tr
10%
50%
90%
VCM
Dt
0 V
VO
SWITCH AT B: IF = 0 mA
VO
SWITCH AT A: IF = 10 mA
VOL
VOH
Dt
VCM
dV
dt
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com