Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-P302 Datasheet(PDF) 13 Page - Broadcom Corporation.

Part # ACPL-P302
Description  0.4-Amp Output Current IGBT Gate Driver Optocouplers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-P302 Datasheet(HTML) 13 Page - Broadcom Corporation.

Back Button ACPL-P302 Datasheet HTML 7Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 8Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 9Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 10Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 11Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 12Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 13Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 14Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 15Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Broadcom Confidential
- 13 -
ACPL-P302/ACPL-W302
Data Sheet
Dead Time and Propagation Delay
Specifications
The ACPL-P302/W302 includes a Propagation Delay Differ-
ence (PDD) specification intended to help designers mini-
mize “dead time” in their power inverter designs. Dead time
is the time high and low side power transistors are off. Any
overlap in Ql and Q2 conduction will result in large currents
flowing through the power devices from the high voltage to
the low-voltage motor rails. To minimize dead time in a given
design, the turn on of LED2 should be delayed (relative to the
turn off of LED1) so that under worst-case conditions, tran-
sistor Q1 has just turned off when transistor Q2 turns on, as
shown in Figure 24. The amount of delay necessary to achieve
this condition is equal to the maximum value of the propaga-
tion delay difference specification, PDD max, which is specified
to be 500 ns over the operating temperature range of -40° to
100°C.
Figure 24 Minimum LED Skew for Zero Dead Time
Figure 25 Waveforms for Dead Time
Delaying the LED signal by the maximum propagation delay
difference ensures that the minimum dead time is zero, but
it does not tell a designer what the maximum dead time will
be. The maximum dead time is equivalent to the difference
between the maximum and minimum propagation delay
difference specification as shown in Figure 25. The maximum
dead time for the ACPL-P302/W302 is 1 µs (= 0.5 µs – (–0.5 µs))
over the operating temperature range of –40°C to 100°C.
Note that the propagation delays used to calculate PDD and
dead time are taken at equal temperatures and test condi-
tions since the optocouplers under consideration are typically
mounted in close proximity to each other and are switching
identical IGBTs.
tPHL MAX
tPLH MIN
PDD* MAX = (tPHL- tPLH)MAX = tPHL MAX - tPLH MIN
*PDD = PROPAGATION DELAY DIFFERENCE
NOTE: FOR PDD CALCULATIONS THE PROPAGATION DELAYS
ARE TAKEN AT THE SAME TEMPERATURE AND TEST CONDITIONS.
VOUT1
ILED2
VOUT2
ILED1
Q1 ON
Q2 OFF
Q1 OFF
Q2 ON
tPLH
MIN
MAXIMUM DEAD TIME
(DUE TO OPTOCOUPLER)
= (tPHL MAX - tPHL MIN) + (tPLH MAX - tPLH MIN)
= (tPHL MAX - tPLH MIN) – (tPHL MIN - tPLH MAX)
= PDD* MAX – PDD* MIN
*PDD = PROPAGATION DELAY DIFFERENCE
NOTE: FOR DEAD TIME AND PDD CALCULATIONS ALL PROPAGATION
DELAYS ARE TAKEN AT THE SAME TEMPERATURE AND TEST CONDITIONS.
VOUT1
ILED2
VOUT2
ILED1
Q1 ON
Q2 OFF
Q1 OFF
Q2 ON
tPHL MIN
tPHL MAX
tPLH MAX
PDD* MAX
(tPHL-tPLH) MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com