Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-P302 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # ACPL-P302
Description  0.4-Amp Output Current IGBT Gate Driver Optocouplers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-P302 Datasheet(HTML) 1 Page - Broadcom Corporation.

  ACPL-P302 Datasheet HTML 1Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 2Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 3Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 4Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 5Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 6Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 7Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 8Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Broadcom Confidential
- 1 -
Description
The ACPL-P302/W302 consists of a GaAsP LED optically
coupled to an integrated circuit with a power output stage.
These optocouplers are ideally suited for driving power IGBTs
and MOSFETs used in motor control inverter applications. The
high operating voltage range of the output stage provides the
drive voltages required by gate controlled devices. The
voltage and current supplied by this optocoupler makes it
ideally suited for directly driving small or medium power
IGBTs.
Applications
ƒ
Isolated IGBT/Power MOSFET gate drive
ƒ
AC and brushless DC motor drives
ƒ
Industrial inverters
ƒ
Inverter for home appliances
ƒ
Induction cooker
ƒ
Switching Power Supplies (SPS)
ACPL-P302/W302
0.4-Amp Output Current IGBT Gate Driver
Optocouplers
Data Sheet
Features
ƒ
High speed response.
ƒ
Ultra high CMR.
ƒ
Bootstrappable supply current.
ƒ
Available in Stretched SO6 package
ƒ
Package Clearance/Creepage at 8 mm (ACPL-W302)
ƒ
Safety Approval:
— UL1577 recognized with 3750VRMS for 1 minute for
ACPL-P302 and 5000VRMS for 1 minute for ACPL-W302.
— CSA Approved.
— IEC/EN/DIN EN 60747-5-5 Approved
VIORM = 891Vpeak for ACPL-P302
VIORM = 1140Vpeak for ACPL-W302
Specifications
ƒ
0.4A maximum peak output current
ƒ
0.2A minimum peak output current
ƒ
0.7 µs maximum propagation delay over temperature range
ƒ
ICC (max.) = 3 mA maximum supply current
ƒ
10 kV/µs minimum common mode rejection (CMR) at VCM
= 1000V
ƒ
Wide VCC operating range: 10V to 30V over temperature
range
ƒ
Wide operating temperature range: –40°C to 100°C
Note: A 1 µF bypass capacitor must be connected between pins VCC and VEE.
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component
to prevent damage and/or degradation which may be induced by ESD. The components featured in this data
sheet are not to be used in military or aerospace applications or environments.
Truth Table
LED
VO
OFF
LOW
ON
HIGH
6
1
5
2
4
3
ANODE
N.C.
CATHODE
VCC
VO
VEE
SHIELD


Similar Part No. - ACPL-P302

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P302 AVAGO-ACPL-P302 Datasheet
285Kb / 14P
0.4 Amp Output Current IGBT Gate Driver Optocouplers
ACPL-P302-000E AVAGO-ACPL-P302-000E Datasheet
285Kb / 14P
0.4 Amp Output Current IGBT Gate Driver Optocouplers
More results

Similar Description - ACPL-P302

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302 AVAGO-HCPL-0302 Datasheet
227Kb / 15P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0314-000E AVAGO-HCPL-0314-000E Datasheet
424Kb / 16P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302-500 AVAGO-HCPL-0302-500 Datasheet
227Kb / 15P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020-500E AVAGO-HCPL-3020-500E Datasheet
227Kb / 15P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T251-500E AVAGO-HCPL-T251-500E Datasheet
259Kb / 6P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3140-000E AVAGO-HCPL-3140-000E Datasheet
424Kb / 16P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-P302-000E AVAGO-ACPL-P302-000E Datasheet
285Kb / 14P
0.4 Amp Output Current IGBT Gate Driver Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com