Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9DB106 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9DB106
Description  6 Output PCI Express Buffer with CLKREQ Function
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9DB106 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9DB106 Datasheet HTML 1Page - Integrated Circuit Systems ICS9DB106 Datasheet HTML 2Page - Integrated Circuit Systems ICS9DB106 Datasheet HTML 3Page - Integrated Circuit Systems ICS9DB106 Datasheet HTML 4Page - Integrated Circuit Systems ICS9DB106 Datasheet HTML 5Page - Integrated Circuit Systems ICS9DB106 Datasheet HTML 6Page - Integrated Circuit Systems ICS9DB106 Datasheet HTML 7Page - Integrated Circuit Systems ICS9DB106 Datasheet HTML 8Page - Integrated Circuit Systems ICS9DB106 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Integrated
Circuit
Systems, Inc.
ICS9DB106
Preliminary Product Preview
0833A—07/26/04
Pin Description
PIN
#
PIN NAME
PIN TYPE
DESCRIPTION
1
PLL_BW
IN
3.3V input for selecting PLL Band Width
0 = low, 1= high
2
CLK_INT
IN
"True" reference clock input.
3
CLK_INC
IN
"Complimentary" reference clock input.
4
**CLKREQ1#
IN
Output enable for PCI Express output pair '1'
0 = enabled, 1 = tri-stated
5
PCIEXT0
OUT
True clock of differential PCI_Express pair.
6
PCIEXC0
OUT
Complement clock of differential PCI_Express pair.
7
VDD
PWR
Power supply, nominal 3.3V
8
GND
IN
Ground pin.
9
PCIEXT1
OUT
True clock of differential PCI_Express pair.
10
PCIEXC1
OUT
Complement clock of differential PCI_Express pair.
11
PCIEXT2
OUT
True clock of differential PCI_Express pair.
12
PCIEXC2
OUT
Complement clock of differential PCI_Express pair.
13
VDD
PWR
Power supply, nominal 3.3V
14
SMBDAT
I/O
Data pin of SMBUS circuitry, 5V tolerant
15
SMBCLK
IN
Clock pin of SMBUS circuitry, 5V tolerant
16
VDD
PWR
Power supply, nominal 3.3V
17
PCIEXC3
OUT
Complement clock of differential PCI_Express pair.
18
PCIEXT3
OUT
True clock of differential PCI_Express pair.
19
PCIEXC4
OUT
Complement clock of differential PCI_Express pair.
20
PCIEXT4
OUT
True clock of differential PCI_Express pair.
21
GND
PWR
Ground pin.
22
VDD
PWR
Power supply, nominal 3.3V
23
PCIEXC5
OUT
Complement clock of differential PCI_Express pair.
24
PCIEXT5
OUT
True clock of differential PCI_Express pair.
25
**CLKREQ4#
IN
Output enable for PCI Express output pair '4'
0 = enabled, 1 = tri-stated
26
IREF
OUT
This pin establishes the reference current for the differential current-
mode output pairs. This pin requires a fixed precision resistor tied
to ground in order to establish the appropriate current. 475 ohms is
the standard value.
27
GNDA
PWR
Ground pin for the PLL core.
28
VDDA
PWR
3.3V power for the PLL core.
Note:
Pins preceeded by '**' have internal 120K ohm pull down resistors



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com