Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9DB106 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9DB106
Description  6 Output PCI Express Buffer with CLKREQ Function
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9DB106 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9DB106 Datasheet HTML 1Page - Integrated Circuit Systems ICS9DB106 Datasheet HTML 2Page - Integrated Circuit Systems ICS9DB106 Datasheet HTML 3Page - Integrated Circuit Systems ICS9DB106 Datasheet HTML 4Page - Integrated Circuit Systems ICS9DB106 Datasheet HTML 5Page - Integrated Circuit Systems ICS9DB106 Datasheet HTML 6Page - Integrated Circuit Systems ICS9DB106 Datasheet HTML 7Page - Integrated Circuit Systems ICS9DB106 Datasheet HTML 8Page - Integrated Circuit Systems ICS9DB106 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Integrated
Circuit
Systems, Inc.
ICS9DB106
Preliminary Product Preview
0833A—07/26/04
Pin Configuration
Recommended Application:
1-to-6 Zero-delay or fanout buffer for PCI Express
Output Features:
•
6 - 0.7V current mode differential output pairs (HSCL)
•
SMBus for complete device control
Key Specifications:
•
Cycle-to-cycle jitter < 40ps
•
Output-to-output skew < 30 ps
Features/Benefits:
•
CLKREQ# pin for outputs 1 and 4/output enable for
Express Card applications
•
PLL or bypass mode/PLL can dejitter incoming clock
•
Selectable PLL bandwidth/minimizes jitter peaking in
downstream PLL’s
•
Spread Spectrum Compatible/tracks spreading input
clock for low EMI
•
SMBus Interface/unused outputs can be disabled
6 Output PCI Express* Buffer with CLKREQ# Function
28-pin SSOP & TSSOP
PLL_BW 1
28 VDDA
CLK_INT 2
27 GNDA
CLK_INC 3
26 IREF
*CLKREQ1# 4
25 **CLKREQ4#
PCIEXT0 5
24 PCIEXT5
PCIEXC0 6
23 PCIEXC5
VDD 7
22 VDD
GND 8
21 GND
PCIEXT1 9
20 PCIEXT4
PCIEXC1 10
19 PCIEXC4
PCIEXT2 11
18 PCIEXT3
PCIEXC2 12
17 PCIEXC3
VDD 13
16 VDD
SMBDAT 14
15 SMBCLK
Note:
Pins preceeded by '**' have internal 120K ohm pull down resistors
*Other names and brands may be claimed as the property of others.
PRODUCT PREVIEW documents contain information on new products in the sampling or preproduction phase of development. Characteristic data and other specifications are subject to
change without notice.


Similar Part No. - ICS9DB106

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9DB102 ICST-ICS9DB102 Datasheet
127Kb / 10P
2 Output PCI Express Buffer with CLKREQ Function
logo
Integrated Device Techn...
ICS9DB102 IDT-ICS9DB102 Datasheet
232Kb / 13P
2 Output PCI Express Buffer with CLKREQ Function
logo
Renesas Technology Corp
ICS9DB102 RENESAS-ICS9DB102 Datasheet
301Kb / 14P
Two Output Differential Buffer for PCIe Gen1 & Gen2
2019
ICS9DB102 RENESAS-ICS9DB102 Datasheet
267Kb / 14P
Two Output Differential Buffer for PCIe Gen1 & Gen2
REV Q 08/27/13
logo
Integrated Circuit Syst...
ICS9DB102FLFT ICST-ICS9DB102FLFT Datasheet
127Kb / 10P
2 Output PCI Express Buffer with CLKREQ Function
More results

Similar Description - ICS9DB106

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9DB108 ICST-ICS9DB108 Datasheet
109Kb / 15P
Eight Output Differential Buffer for PCI-Express
ICS9DB104 ICST-ICS9DB104 Datasheet
105Kb / 13P
Four Output Differential Buffer for PCI-Express
ICS9DB102 ICST-ICS9DB102 Datasheet
127Kb / 10P
2 Output PCI Express Buffer with CLKREQ Function
ICS9DB401 ICST-ICS9DB401 Datasheet
163Kb / 16P
Four Output Differential Buffer for PCI Express
logo
Integrated Device Techn...
ICS9DB801C IDT-ICS9DB801C Datasheet
203Kb / 19P
Eight Output Differential Buffer for PCI Express (50-200MHz)
ICS9DB102 IDT-ICS9DB102 Datasheet
232Kb / 13P
2 Output PCI Express Buffer with CLKREQ Function
ICS9DB401C IDT-ICS9DB401C Datasheet
244Kb / 17P
Four Output Differential Buffer for PCI Express
logo
Renesas Technology Corp
9DB401C RENESAS-9DB401C Datasheet
321Kb / 18P
Four Output Differential Buffer for PCI Express
1/27/11
ICS9DB104 RENESAS-ICS9DB104 Datasheet
326Kb / 15P
Four Output Differential Buffer for PCI-Express
2019
ICS9DB108 RENESAS-ICS9DB108 Datasheet
334Kb / 17P
Eight Output Differential Buffer for PCI-Express
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com