Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9DB106 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS9DB106
Description  6 Output PCI Express Buffer with CLKREQ Function
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9DB106 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS9DB106 Datasheet HTML 1Page - Integrated Circuit Systems ICS9DB106 Datasheet HTML 2Page - Integrated Circuit Systems ICS9DB106 Datasheet HTML 3Page - Integrated Circuit Systems ICS9DB106 Datasheet HTML 4Page - Integrated Circuit Systems ICS9DB106 Datasheet HTML 5Page - Integrated Circuit Systems ICS9DB106 Datasheet HTML 6Page - Integrated Circuit Systems ICS9DB106 Datasheet HTML 7Page - Integrated Circuit Systems ICS9DB106 Datasheet HTML 8Page - Integrated Circuit Systems ICS9DB106 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Integrated
Circuit
Systems, Inc.
ICS9DB106
Preliminary Product Preview
0833A—07/26/04
Electrical Characteristics - PCIEX 0.7V Current Mode Differential Outputs
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL =2pF, RS=33.2η , RP=49.9ηΡ REFηΡ9,
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Current Source Output
Impedance
Zo
1
VO = Vx
3000
η
1
Voltage High
VHigh
660
850
1,3
Voltage Low
VLow
-150
150
1,3
Max VoltageVovs
1150
1,3
Min Voltage
Vuds
-300
1,3
Crossing Voltage (abs)
Vcross(abs)
250
550
mV
1,3
Crossing Voltage (var)
d-Vcross
Variation of crossing over all
edges
140
mV
1,3
Long Accuracy
ppm
see Tperiod min-max values
0
ppm
1,2
100.00MHz nominal
9.9970
10.0030
ns
2
100.00MHz spread
9.9970
10.0533
ns
2
Absolute min period
Tabsmin
100.00MHz nominal/spread
9.8720
ns
1,2
Rise Time
tr
VOL = 0.175V, VOH = 0.525V
175
700
ps
1
Fall Time
tf
VOH = 0.525V VOL = 0.175V
175
700
ps
1
Rise Time Variation
d-tr
125
ps
1
Fall Time Variation
d-tf
125
ps
1
tpd
PLL Mode.
100
150
ps
1
tpdbyp
Bypass mode
3.2
3.7
ns
1
Duty Cycle
dt3
Measurement from differential
wavefrom
45
55
%
1
Output-to-Output Skew
tsk3
VT = 50%
30
ps
1
PLL mode,
Measurement from differential
wavefrom
40
ps
1
BYPASS mode as additive jitter
25
ps
1
1Guaranteed by design and characterization, not 100% tested in production.
3I
REF = VDD/(3xRR). For RR = 475η (1%), IREF = 2.32mA. IOH = 6 x IREF and VOH = 0.7V @ ZO=50η .
2 All Long Term Accuracy and Clock Period specifications are guaranteed with the assumption that the input clock
complies with CK409/CK410 accuracy requirements
Jitter, Cycle to cycle
tjcyc-cyc
Average period
Tperiod
Input to Output Delay
Statistical measurement on
single ended signal using
oscilloscope math function.
mV
Measurement on single ended
signal using absolute value.
mV



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com