Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9DB106 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9DB106
Description  6 Output PCI Express Buffer with CLKREQ Function
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9DB106 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9DB106 Datasheet HTML 1Page - Integrated Circuit Systems ICS9DB106 Datasheet HTML 2Page - Integrated Circuit Systems ICS9DB106 Datasheet HTML 3Page - Integrated Circuit Systems ICS9DB106 Datasheet HTML 4Page - Integrated Circuit Systems ICS9DB106 Datasheet HTML 5Page - Integrated Circuit Systems ICS9DB106 Datasheet HTML 6Page - Integrated Circuit Systems ICS9DB106 Datasheet HTML 7Page - Integrated Circuit Systems ICS9DB106 Datasheet HTML 8Page - Integrated Circuit Systems ICS9DB106 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Integrated
Circuit
Systems, Inc.
ICS9DB106
Preliminary Product Preview
0833A—07/26/04
The ICS9DB106 zero-delay buffer supports PCI Express clocking requirements. The ICS9DB106 is driven by a differential
SRC output pair from an ICS CK409/CK410-compliant main clock generator such as the ICS952601 or ICS954101. It
attenuates jitter on the input clock and has a selectable PLL bandwidth to maximize performance in systems with or without
Spread-Spectrum clocking. An SMBus interface allows control of the PLL bandwidth and bypass options, while 2 clock
request (OE#) pins make the ICS9DB106 suitable for Express Card applications.
General Description
Block Diagram
Power Groups
VDD
GND
7, 13, 16, 22
8,21
PCI Express Outputs
TBD
TBD
SMBUS
N/A
27
IREF
28
27
Analog VDD & GND for PLL core
Description
Pin Number
SPREAD
COMPATIBLE
PLL
CONTROL
LOGIC
SMBDAT
SMBCLK
CLK_INT
C LK_INC
PLL_BW
IREF
PCIEX1
PCIEX4
CLKREQ4#
CLKREQ1#
PCIEX(0,2,3,5)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com