Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF7941ATJ Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF7941ATJ
Description  Security Transponder and RISC Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF7941ATJ Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF7941ATJ Datasheet HTML 1Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 2Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 3Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 4Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 5Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 6Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 7Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 8Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
NXP Semiconductors
Product Specification
Security Transponder and RISC Controller (STARC 2XLite)
PCF7x41ATJ
2013 Oct 15
3
CONFIDENTIAL
1
FEATURES
 Single chip Security Transponder and Remote Keyless
Entry solution
 RISC programmable device features
 Up to seven Keyless Entry command buttons
 512 Byte EEPROM for extended data storage
 32 bit unique device and product type identification
 Package integrated Transponder LF coil
Security Transponder
 Transponder operation like PCF7936 family
 Fast mutual authentication, 39ms (48 bit Secret Key)
 EEPROM read/write protection capability
 RISC programmable transponder extensions
Calculation Unit
 Hardwired security algorithm
 48 (96) bit Secret Key
RISC Controller and Peripherals
 8 Bit RISC Architecture (MRK )
 4 kByte E-ROM respectively ROM (application)
 4 kByte ROM (device firmware and library functions)
 128 Byte User RAM
 11 general purpose I/O (incl. 7 command button inputs)
 Two 8 Bit Timer/Counter
 Optional external clock input for Timer/Counter
 Watchdog
 Single level interrupt architecture
 On-chip RC Oscillator (< 8%)
 Short instruction execution time (as fast as 0.5 s)
 Programmable battery low detection
 Low power consumption
RUN: 300
A, IDLE: 20A, PD: 100 nA
 Single Lithium cell operation, 2.1V to 3.6V
2
GENERAL DESCRIPTION
The PCF7x41ATJ is a high performance single chip
Security Transponder and RISC Controller, ideally suited
for
automotive
applications
with
combined
vehicle
Immobilization and Remote Keyless Entry functions.
Unless other products, the device comes with a package
integrated Transponder LF coil to operate as Security
Transponder and enable contactless communication with
the base station. Neither other external components nor an
additional battery supply is needed. The basic transponder
operation is emulated utilizing the on-chip RISC and may
feature a customized functions or may utilize the built in
Transponder Library, that offer HT2 functional compatible
operation (e.g. PCF7936), except for the ReadOnly mode.
The
Security Transponder operation features secure
contactless authentication, employing a Secret Key and a
random number in order to cipher any communication
between the device and the base station. The device
features a factory programmed unique serial number that
also serves as product type identification.
Device operation is controlled by a ROM or E-ROM
(FLASH like features) based RISC Controller, powered by
NXP’ low power 8-Bit MICRO RISC KERNEL (MRK
). 11
general purpose I/Os are provided for command buttons,
LED, or control of an external RF transmitter/transceiver
circuitry.
In case of Remote Keyless Entry applications, the
application
program
may
accomplish
rolling
code
generation using the hardwired Calculation Unit. The
Calculation Unit may operate in standard HITAG2 (48 bit
Shift Register) or Enhanced mode (64 bit Shift Register).
The RISC employs a 2 stage pipeline architecture in order
to execute an instruction in a single clock cycle. Device
timing
is
derived
from
an
on-chip
low
tolerance
RC Oscillator that provides a programmable system clock,
with a frequency up to 2 MHz. The system clock may also
be derived from the transponder interface, e.g. LF field
clock.
Depending on the operation mode, the RISC is powered
from the external battery or derives its power supply by
inductive coupling to the LF field generated by the base
station.
The
PCF7x41ATJ
incorporates
an
advanced
power
management that supports battery voltage measurement.
For increased battery lifetime the device quiescent current
is minimized in POWER-OFF state by disconnecting the
battery from most of the internal circuitry.
The device comes in a 36 pin Leaded Stick Package (LSP).
The device is available as E-ROM (FLASH like features)
and ROM coded product. In case of the E-ROM version,
in-circuit program download and debugging is supported.
For further detailed descriptions about features, functional
blocks and known anomalies not related to the integrated
Transponder
functionality,
please
refer
to
datasheet
PCF7x41A compiled for the SSOP and TSSOP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com