Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF7941ATJ Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCF7941ATJ
Description  Security Transponder and RISC Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF7941ATJ Datasheet(HTML) 4 Page - NXP Semiconductors

  PCF7941ATJ Datasheet HTML 1Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 2Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 3Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 4Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 5Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 6Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 7Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 8Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
NXP Semiconductors
Product Specification
Security Transponder and RISC Controller (STARC 2XLite)
PCF7x41ATJ
2013 Oct 15
4
CONFIDENTIAL
3
ORDERING INFORMATION
EXTENDED
PACKAGE
TEMPERATURE
TYPE NUMBER
NAME
DESCRIPTION
OUTLINE VERSION
RANGE (°C)
PCF7941ATJ/CA1B00E0
SOJ36
Leaded Stick Package
SOT867-1
-40°C to +85°C
PCF7941ATJ/CA1Brrff
SOJ36
Leaded Stick Package
SOT867-1
-40°C to +85°C
PCF7341ATJ/C0ABrrff
SOJ36
Leaded Stick Package
SOT867-1
-40°C to +85°C
Note
1. PCF7941ATJ/CA1B00E0 represents the E-ROM product for development and applications with low quantities. The customer
shall perform E-ROM programming and EEPROM initialization. The Monitor and Download Interface (MSDA/MSCL)
supports E-ROM download and ERASE/WRITE as fast as 700ms for 4 kByte.
2. PCF7941ATJ/CA1Brrff represents a customized E-ROM product. Under certain conditions NXP Semiconductors may
perform E-ROM programming with a customer application code and/or customer EEPROM pattern. The actual customer
application code and customer EEPROM fabkey is specified by a 2 digit code at location marked “ff”. The ROM code is
specified by a 2 digit code at location marked „rr“
2. PCF7341ATJ/C0ABrrff represents the ROM coded product for high volume applications. The actual customer ROM code
and customer EEPROM fabkey is specified by a 2 digit code at location marked „rr“, respectively “ff”
4
TYPICAL APPLICATION
P13
P11
P12
P17 1
Li
3V
VBAT
P15 (XCLK)
optional
PCF7941ATJ (PCF7341ATJ)
Timer
Modulator
Interrupt
Control
RC
Oscillator
128 Byte
RAM
4 K
EROM (ROM)
Calculation
Unit
512 Byte
EEPROM
I/O
4 K
ROM
IN1
IN2
VFLD
Power Management
CVFLD
L
VSS
Up to 7
Buttons
or spare I/O
P10
UHF Transmitter
e.g.
FraNTIC
P14 1
P20 1
P21 1
P22 1
Note
1. External p’up or
p’down required
Resonance
circuit
MSCL
MSDA
P161
P13
P11
P12
P17 1
Li
3V
VBAT
P15 (XCLK)
optional
PCF7941ATJ (PCF7341ATJ)
Timer
Modulator
Interrupt
Control
RC
Oscillator
128 Byte
RAM
4 K
EROM (ROM)
Calculation
Unit
512 Byte
EEPROM
I/O
4 K
ROM
IN1
IN2
VFLD
Power Management
CVFLD
L
VSS
Up to 7
Buttons
or spare I/O
P10
UHF Transmitter
e.g.
FraNTIC
P14 1
P20 1
P21 1
P22 1
Note
1. External p’up or
p’down required
Resonance
circuit
MSCL
MSDA
P161
Figure 1. Typical System Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com