Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF7941ATJ Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF7941ATJ
Description  Security Transponder and RISC Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF7941ATJ Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF7941ATJ Datasheet HTML 9Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 10Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 11Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 12Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 13Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 14Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 15Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 16Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
NXP Semiconductors
Product Specification
Security Transponder and RISC Controller (STARC 2XLite)
PCF7x41ATJ
2013 Oct 15
13
Confidential
6,0
6,5
7,0
7,5
8,0
8,5
-60
-40
-20
0
20
40
60
80
temp
Figure 8 Typical temperature dependency of bandwidth BW
11.2 Timing Characteristics
Tamb = -40 to +85°C, fSYS = 125kHz, TO = 1/fSYS. Unless otherwise specified
SYMBOL
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
LF Field Power On Reset, Note 1
tFLD,HLD
LF Field hold time
250
TO
tPOR-HLD
Power On Reset Hold time
200
480
s
tRESET,SETUP
LF Field Power On Reset setup time
11
ms
Notes
1. Values based on PCF7x41A PQP with additional safety margin considering application of LSP resonance circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com