Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF7941ATJ Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF7941ATJ
Description  Security Transponder and RISC Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF7941ATJ Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF7941ATJ Datasheet HTML 5Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 6Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 7Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 8Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 9Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 10Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 11Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 12Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
NXP Semiconductors
Product Specification
Security Transponder and RISC Controller (STARC 2XLite)
PCF7x41ATJ
2013 Oct 15
9
CONFIDENTIAL
8
FUNCTIONAL DESCRIPTION
The PCF7x41ATJ incorporates Security Transponder and
Remote Keyless Entry features that are specified in detail
by the data sheet PCF7x41 and the corresponding ROM
Library Description; see section 13.
8.1 LF Field Power On Reset
When the transponder enters a LF Field a rectifier circuitry
becomes operational and the rectified voltage develops.
The LF Field has to be present for at least 2ms (tFLD,HLD)
before this supply voltage is passed on to become the
transponder supply voltage (VDDC). As soon as the supply
voltage (VDDC) exceeds the LF Field Power-On Reset
threshold voltage (VPOR,FLD) the device performs a chip
reset and starts its initialization sequence by executing its
boot routine, see Figure 4.
LF Field applied
BTHR
tFLD,HLD
VDDC
VPOR,FLD
Invocation of device
BOOT Routine
tPOR-HLD
t
tSTART
LF Field applied
BTHR
tFLD,HLD
VDDC
VPOR,FLD
Invocation of device
BOOT Routine
tPOR-HLD
t
tSTART
Figure 4 LF field power on reset timing
Subsequently, the transponder is muted and does not
respond to any command until termination of the device
boot sequence. The startup time, tSTART, depends on the
base station configuration, the resonance circuit properties
and
the
system
coupling
factor,
however,
is
small
compared with the LF Field hold time (tFLD,HLD).
Regardless of the supply condition, once the supply voltage
(VDD) exceeds the Power On Reset threshold voltage
(VPOR,BAT respectively VPOR,FLD), POR becomes low.
After a short delay (TPOR,HLD), the flip-flop is forced into
latch state freezing the supply switch state and the RISC
Controller
becomes
operational.
Program
execution
commences starting with the BOOT Routine, before the
application Program or Transponder Emulation is being
invoked, see Figure 5
VPOR,FLD
VPOR,BAT
t
tBOOT
Invocation of:
- Application Program or
- Transponder Emulation
Invocation of
BOOT Routine
tPOR-HLD
Figure 5 Power-up timing
In order to force a LF Field Power-On Reset and proper
device initialization at any time, the LF field OFF condition
must be applied for at least tRESET,SETUP, in order to ensure
that the INTERNAL device supply voltage, VDDc, drops
below the threshold voltage (VPOR,FLD), see Figure 6.
LF field OFF
VPOR,FLD
t
VDDC
tRESET_SETUP
LF field power on reset (POR)
threshold voltage
LF field OFF
VPOR,FLD
t
VDDC
tRESET_SETUP
LF field power on reset (POR)
threshold voltage
Figure 6 LF field power on reset setup timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com