Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCMIMX6DQCEC Datasheet(PDF) 22 Page - NXP Semiconductors

Part # SCMIMX6DQCEC
Description  ARM Cortex-A9 MPCore 4xCPU processor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCMIMX6DQCEC Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button SCMIMX6DQCEC Datasheet HTML 18Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 19Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 20Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 21Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 22Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 23Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 24Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 25Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
SCM-i.MX 6Dual/6Quad Datasheet for Consumer Products, Data Sheet: Technical Data, Rev. 0, 02/2016
22
Freescale Semiconductor, Inc.
Ball Name
Ball
Power Group
Comments
USB_OTG_DN
AC19
VDD_USB_CAP
USB_OTG_DP
AC20
VDD_USB_CAP
XTALI
T19
NVCC_PLL
XTALO
T20
NVCC_PLL
7.2. Critical Signals
The table below shows the differences between the ball map of the i.MX6 Dual and the
SCM-i.MX 6Dual/6Quad.
Table 7-2 Signal Name differences from i.MX6 Dual
SCM-i.MX 6Dual/6Quad
i.MX6 Dual
Remarks
Ball Name
Ball
Ball Name
EIM_D16_NOR
V3
EIM_D16
connected to SPI NOR through a 33Ohm resistor
EIM_D17_NOR
U4
EIM_D17
Connected to SPI NOR
EIM_D18_NOR
U3
EIM_D18
Connected to SPI NOR
EIM_EB2_NOR
V4
EIM_EB2
Connected to SPI NOR
GPIO_18_PMIC_INTB
AD12
GPIO_18
i.MX 6Dual/6QuadQ (GPIO18) connected to PMIC (INTB)
KEY_COL3_PMIC_SCL
W13
KEY_COL3
i.MX6DQ (KEY_COL3) tied to PMIC (SCL)
KEY_ROW3_PMIC_SDA
W12
KEY_ROW3
i.MX6DQ (KEY_ROW3) tied to PMIC (SDA)
NOR_HOLD_B
V13
SPI NOR HOLD_B
NOR_W_B
AA13
SPI NOR W_B
PMIC_ICTEST
Y8
PMIC ICTEST
PMIC_SDWNB
Y13
PMIC SDWNB
SYS_POR_B
AE12
POR_B
i.MX6DQ (POR_B) connected to PMIC (RESETBMCU)
SYS_PWRON
AE13
PMIC_ON_REQ
i.MX6DQ (PMIC_ON_REQ) connected to PMIC (PWRON)
SYS_STBY_REQ
AB15
PMIC_STBY_REQ
i.MX6DQ (PMIC_STBY_REQ) connected to PMIC
(STANDBY)
–
–
CSI_REXT
Grounded internally
–
–
DSI_REXT
Grounded internally
–
–
FA_ANA
Grounded internally
–
–
HDMI_REF
Grounded internally
–
–
MLB_CN
Not pinned out.
–
–
MLB_CP
Not pinned out.
–
–
MLB_DN
Not pinned out.
–
–
MLB_DP
Not pinned out.
–
–
MLB_SN
Not pinned out.
–
–
MLB_SP
Not pinned out.
–
–
PCIE_REXT
Grounded internally
–
–
SATA_REXT
Grounded internally
–
–
ZQPAD
Tied to ground through 240Ohm resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com