Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCMIMX6DQCEC Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SCMIMX6DQCEC
Description  ARM Cortex-A9 MPCore 4xCPU processor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCMIMX6DQCEC Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SCMIMX6DQCEC Datasheet HTML 3Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 4Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 5Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 6Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 7Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 8Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 9Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 10Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
SCM-i.MX 6Dual/6Quad Datasheet for Consumer Products, Data Sheet: Technical Data, Rev. 0, 02/2016
Freescale Semiconductor, Inc.
7
— Programmable output voltage
— Programmable current limit
— Programmable soft start
— Programmable PWM switching frequency
— Programmable OCP with fault interrupt
•
Boost regulator
— SWBST, 5.0 to 5.15 V, 0.6 A, OTG support
— Modes: PFM and Auto
— OCP fault interrupt
•
LDOs
— Six user programmable LDO
– VGEN1, 0.80 to 1.55 V, 100 mA
– VGEN2, 0.80 to 1.55 V, 250 mA
– VGEN3, 1.8 to 3.3 V, 100 mA
– VGEN4, 1.8 to 3.3 V, 350 mA
– VGEN5, 1.8 to 3.3 V, 100 mA
NOTE
VGEN5 power characteristics are modified from what is displayed in
Table 106 of the MMPF0100 datasheet. SCM-specific tolerances are ±5%,
rather than ± 3% as presented in the table.
– VGEN6, 1.8 to 3.3 V, 200 mA
— Soft start
— LDO/Switch supply
– VSNVS (1.0/1.1/1.2/1.3/1.5/1.8/3.0 V), 400uA
•
DDR memory reference voltage
— VREFDDR, 0.6 to 0.9 V, 10 mA
•
16 MHz internal master clock
•
OTP(One time programmable) memory for device configuration
— User programmable start-up sequence and timing
•
Battery backed memory including coin cell charger
•
I2C interface
•
User programmable Standby, Sleep, and Off modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com