Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCMIMX6DQCEC Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SCMIMX6DQCEC
Description  ARM Cortex-A9 MPCore 4xCPU processor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCMIMX6DQCEC Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SCMIMX6DQCEC Datasheet HTML 9Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 10Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 11Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 12Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 13Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 14Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 15Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 16Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
SCM-i.MX 6Dual/6Quad Datasheet for Consumer Products, Data Sheet: Technical Data, Rev. 0, 02/2016
Freescale Semiconductor, Inc.
13
Registers
Default Configuration
Pre-programmed OTP
Configuration
Program code
(hex)
Intended Use
SW3A CONFIG
Single Phase, 2.0 MHz
Single Phase, 2.0 MHz
05
SW3B_VOLT
1.5V
1.2V
20
DDR 1.2V
SW3B_SEQ
3
4
04
SW3B CONFIG
Single Phase, 2.0 MHz
Single Phase, 2.0 MHz
01
SW4_VOLT
1.8V
1.8V
54
DDR 1.8V
SW4_SEQ
3
4
04
SW4_CONFIG
No VTT, 2.0MHz
No VTT, 2.0 MHz
01
SWBST_VOLT
-
-
00
Customer
SWBST_SEQ
-
4
04
VSNVS_VOLT
3.0V
3.0V
06
VDD_SNVS_IN
VREFDDR_SEQ
3
4
04
VGEN1_VOLT
-
-
00
Customer
VGEN1_SEQ
-
-
00
VGEN2_VOLT
1.5V
-
00
Customer
VGEN2_SEQ
2
-
00
VGEN3_VOLT
-
-
00
Customer
VGEN3_SEQ
-
-
00
VGEN4_VOLT
1.8V
-
00
Customer
VGEN4_SEQ
3
-
00
VGEN5_VOLT
2.5V
-
00
Customer
VGEN5_SEQ
3
-
00
VGEN6_VOLT
2.8V
-
00
Customer
VGEN6_SEQ
3
-
00
PU CONFIG1,
SEQ_CLK_SPEED
1.0ms
1.0ms
01
PU CONFIG2,
SWDVS_CLK
6.25 mV/us
12.5mV/us
00
PU CONFIG3,
PWRON
Level sensitive
Level sensitive
00
PG EN
RESETBMCU in
Default Mode
00
Note:
1. Refer to application notes AN4714 (Features of Voltage Regulators in the MMPF0100) and
AN4536 (MMPF0100 OTP Programming Instructions) for further usage instructions.
2. The OTP registers for regulators which default to (OFF) are free to be programmed according to
customer needs.
3. The OTP Lock bit is not programmed from factory.
4. Freescale not responsible for device issues caused by customer fuse programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com