Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCMIMX6DQCEC Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SCMIMX6DQCEC
Description  ARM Cortex-A9 MPCore 4xCPU processor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCMIMX6DQCEC Datasheet(HTML) 1 Page - NXP Semiconductors

  SCMIMX6DQCEC Datasheet HTML 1Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 2Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 3Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 4Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 5Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 6Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 7Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 8Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Freescale reserves the right to change the detail specifications as may be required to permit improvements in the design of its products.
© 2016 Freescale Semiconductor, Inc. All rights reserved.
SCM-i.MX 6Dual/6Quad Datasheet
for Consumer Products
1. Introduction
Freescale Single Chip System Modules (SCMs) are a
suite of highly integrated products in an ultra-small
form factor. The first member of this portfolio, the
Freescale SCM-i.MX 6Dual/6Quad, drastically reduces
time to market by providing a solution that minimizes
design time. We’ve integrated and validated dual- and
quad-core performance, the power management system,
flash memory, and over a hundred passive system
components all in the size of a dime. The SCM-i.MX
6Dual/6Quad is enabled with the standard i.MX
6Dual/6Quad multimedia, connectivity and security
features including High Assurance Boot, cryptographic
cipher engines, random number generator, and tamper
detection. It is a scalable solution intended for use in a
wide variety of consumer and industrial applications.
The SCM-i.MX 6Dual/6Quad speeds and eases
development time by addressing technology challenges
such as design of DDR and power management. Our
single chip module i.MX 6Dual/6Quad consists of the
i.MX 6Dual/6Quad applications processor, PF0100
(PMIC) for power management, 16 MB SPI NOR, over
a hundred discrete components, and is enabled for 1 or 2
GB LPDDR2 via PoP assembly.
Freescale Semiconductor, Inc.
Document Number: SCMIMX6DQ
Data Sheet: Technical Data
Rev. 0, 02/2016
Contents
1.
Introduction........................................................................ 1
1.1.
Ordering information .............................................. 2
1.2.
Features................................................................... 3
1.3.
References............................................................... 8
2.
Architectural Overview...................................................... 9
2.1.
Block Diagram........................................................ 9
3.
Modules List .................................................................... 10
3.1.
Special Signal Considerations............................... 10
4.
Electrical Characteristics.................................................. 11
4.1.
Chip-Level Conditions.......................................... 11
5.
Power Supplies Requirements and Restrictions ............... 12
5.1.
Power-Up Sequences ............................................ 12
5.2.
Power-Down Sequences ....................................... 12
5.3.
Power Supplies Usage........................................... 12
5.4.
Boot Configuration ............................................... 12
6.
Boot Mode Configuration ................................................ 14
6.1.
Boot Mode Configuration Pins ............................. 14
6.2.
Boot Devices Interfaces Allocation ...................... 14
7.
Package Information ........................................................ 15
7.1.
Signal List............................................................. 15
7.2.
Critical Signals...................................................... 22
7.3.
Ball Map ............................................................... 25
7.4.
Package Drawings................................................. 27
8.
Revision History .............................................................. 29


Similar Part No. - SCMIMX6DQCEC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCMIMX6DQIEC NXP-SCMIMX6DQIEC Datasheet
1Mb / 32P
ARM Cortex-A9 MPCore 4xCPU processor
Rev. 0 , 01/2017
More results

Similar Description - SCMIMX6DQCEC

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ROM-3420 ADVANTECH-ROM-3420_15 Datasheet
901Kb / 2P
Freescale ARM Cortex-A9 i.MX6 RTX2.0 Module
ROM-7420 ADVANTECH-ROM-7420_15 Datasheet
927Kb / 2P
Freescale ARM Cortex-A9 i.MX6 Qseven Module
RSB-4410 ADVANTECH-RSB-4410_15 Datasheet
634Kb / 2P
Freescale ARM Cortex-A9 i.MX6 SBC
RSB-4410 ADVANTECH-RSB-4410 Datasheet
634Kb / 2P
Freescale ARM Cortex-A9 i.MX6 SBC
ROM-7420CD-MDA1E ADVANTECH-ROM-7420CD-MDA1E Datasheet
642Kb / 2P
Freescale ARM Cortex-A9 i.MX6 QSeven Module
RSB-4410CD-MDA1E ADVANTECH-RSB-4410CD-MDA1E Datasheet
634Kb / 2P
Freescale ARM Cortex-A9 i.MX6 SBC
logo
Texas Instruments
TPS65218D0 TI1-TPS65218D0 Datasheet
1Mb / 110P
Power Management for ARM Cortex-A8/A9 SOCs
logo
Advantech Co., Ltd.
RSB-4411 ADVANTECH-RSB-4411 Datasheet
726Kb / 2P
NXP ARM Cortex-A9 i.MX6 3.5" SBC
logo
NXP Semiconductors
SCMIMX6DQIEC NXP-SCMIMX6DQIEC Datasheet
1Mb / 32P
ARM Cortex-A9 MPCore 4xCPU processor
Rev. 0 , 01/2017
logo
Advantech Co., Ltd.
TPC-71W ADVANTECH-TPC-71W Datasheet
504Kb / 2P
7 Touch Panel Computer with ARM Cortex??A9 Processor
5-Jan-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com