Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSI-REP-DNET-CAN Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # PSI-REP-DNET-CAN
Description  Automatic data rate detection or fixed data rate setting via DIP switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PSI-REP-DNET-CAN Datasheet(HTML) 3 Page - PHOENIX CONTACT

  PSI-REP-DNET-CAN Datasheet HTML 1Page - PHOENIX CONTACT PSI-REP-DNET-CAN Datasheet HTML 2Page - PHOENIX CONTACT PSI-REP-DNET-CAN Datasheet HTML 3Page - PHOENIX CONTACT PSI-REP-DNET-CAN Datasheet HTML 4Page - PHOENIX CONTACT PSI-REP-DNET-CAN Datasheet HTML 5Page - PHOENIX CONTACT PSI-REP-DNET-CAN Datasheet HTML 6Page - PHOENIX CONTACT PSI-REP-DNET-CAN Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
https://www.phoenixcontact.com/pi/products/2313423
08/14/2018   Page 3 / 7
Repeater - PSI-REP-DNET CAN - 2313423
Technical data
Serial interface
Conductor cross section flexible max.
2.5 mm²
Conductor cross section AWG min.
24
Conductor cross section AWG max.
14
Digital outputs
Output name
Relay output
Number of outputs
1
Contact type
N/O contact
Minimum switching voltage
10 V DC
Maximum switching voltage
30 V DC
Limiting continuous current
500 mA
Power supply
Nominal supply voltage
24 V DC
Supply voltage range
10 V DC ... 30 V DC (via pluggable COMBICON screw terminal block)
Max. current consumption
80 mA
Typical current consumption
55 mA (24 V DC)
General
Bit delay
One telegram length (EXTENDED)
Bit distortion, input
± 35 %
Bit distortion, output
< 6.25 %
Electrical isolation
according to EN 60950
VCC // TBUS // CAN A // CAN B
Test voltage data interface/power supply
1.5 kVrms (50 Hz, 1 min.)
Standards/regulations
DIN EN 50178, DIN EN 60950
Electromagnetic compatibility
Conformance with EMC Directive 2014/30/EU
Noise emission
EN 55011
Net weight
233.6 g
Housing material
PA 6.6-FR
Color
green
MTBF
823 Years (Telcordia standard, 25°C temperature, 21% operating cycle
(5 days a week, 8 hours a day))
170 Years (Telcordia standard, 40°C temperature, 34.25% operating
cycle (5 days a week, 12 hours a day))
MTTF
1091 Years (SN 29500 standard, temperature 25 °C, operating cycle 21
% (5 days a week, 8 hours a day))
514 Years (SN 29500 standard, temperature 40 °C, operating cycle
34.25 % (5 days a week, 12 hours a day))
208 Years (SN 29500 standard, temperature 40 °C, operating cycle 100
% (7 days a week, 24 hours a day))
Conformance
CE-compliant
ATEX
 II 3 G Ex nA IIC T4 Gc X (Please follow the special installation
instructions in the documentation!)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com