Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSI-REP-DNET-CAN Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # PSI-REP-DNET-CAN
Description  Automatic data rate detection or fixed data rate setting via DIP switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PSI-REP-DNET-CAN Datasheet(HTML) 1 Page - PHOENIX CONTACT

  PSI-REP-DNET-CAN Datasheet HTML 1Page - PHOENIX CONTACT PSI-REP-DNET-CAN Datasheet HTML 2Page - PHOENIX CONTACT PSI-REP-DNET-CAN Datasheet HTML 3Page - PHOENIX CONTACT PSI-REP-DNET-CAN Datasheet HTML 4Page - PHOENIX CONTACT PSI-REP-DNET-CAN Datasheet HTML 5Page - PHOENIX CONTACT PSI-REP-DNET-CAN Datasheet HTML 6Page - PHOENIX CONTACT PSI-REP-DNET-CAN Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
https://www.phoenixcontact.com/pi/products/2313423
08/14/2018   Page 1 / 7
Repeater - PSI-REP-DNET CAN - 2313423
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Modular repeater for electrical isolation and increasing the range for DeviceNet/SDS/CANopen, data rate of
up to 1 Mbps. High-quality electrical isolation between the interfaces, DIN-rail mountable, 24 V DC supply.
Why buy this product
 Automatic data rate detection or fixed data rate setting via DIP switches
 Data rates of up to 1 Mbps
 High-quality 4-way isolation between all interfaces
 Can be combined with PSI-MOS FO converters in a modular way thanks to DIN rail connectors
 All connections can be plugged in using a COMBICON screw terminal block
 Approved for use in zone 2
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4046356428392
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
35 mm
Height
111 mm
Depth
121 mm
Ambient conditions
Ambient temperature (operation)
-20 °C ... 60 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C


Similar Part No. - PSI-REP-DNET-CAN

ManufacturerPart #DatasheetDescription
logo
Jonard Tools.
PSI-15 JONARD-PSI-15 Datasheet
440Kb / 1P
Protection Sleeve Insertion Tool
logo
All Sensors Corporation
PSI-D-4V-MIL-ND ASC-PSI-D-4V-MIL-ND Datasheet
47Kb / 4P
0.3 psi to 15 psi Pressure Sensors
Rev A
PSI-D-4V-PRIME ASC-PSI-D-4V-PRIME Datasheet
63Kb / 4P
Industrial Temperature Grade with Voltage Reference
082302
PSI-D-4VPRIME-ND ASC-PSI-D-4VPRIME-ND Datasheet
256Kb / 6P
Industrial Temperature Grade
Rev C
PSI-D-CGRADE ASC-PSI-D-CGRADE Datasheet
174Kb / 4P
C-Grade Pressure Sensors
Rev B
More results

Similar Description - PSI-REP-DNET-CAN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC016 NSC-CLC016 Datasheet
422Kb / 20P
Data Retiming PLL with Automatic Rate Selection
logo
List of Unclassifed Man...
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
DOUBLE DATA RATE SDRAM
logo
A-Data Technology
ADD8616A8A A-DATA-ADD8616A8A Datasheet
545Kb / 9P
DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
logo
List of Unclassifed Man...
VDD8616A8A ETC1-VDD8616A8A Datasheet
500Kb / 9P
Double Data Rate SDRAM
logo
Sensitron
SHD-4135-XXX SENSITRON-SHD-4135-XXX Datasheet
85Kb / 4P
High Data Rate Optocoupler
logo
National Semiconductor ...
CLC016 NSC-CLC016_02 Datasheet
445Kb / 19P
Data Retiming PLL with Automatic Rate Selection
logo
Gennum Corporation
GS6150 GENNUM-GS6150 Datasheet
1Mb / 64P
Automatic or Manual Rate Selection
logo
Eorex Corporation
EM42BM1684RTC EOREX-EM42BM1684RTC_15 Datasheet
474Kb / 23P
Double DATA RATE SDRAM
EM42CM1684RTA EOREX-EM42CM1684RTA_15 Datasheet
405Kb / 22P
Double DATA RATE SDRAM
logo
Silicon Laboratories
AN635 SILABS-AN635 Datasheet
1Mb / 6P
AUTOMATIC BAUD RATE DETECTION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com