Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSI-REP-DNET-CAN Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # PSI-REP-DNET-CAN
Description  Automatic data rate detection or fixed data rate setting via DIP switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PSI-REP-DNET-CAN Datasheet(HTML) 6 Page - PHOENIX CONTACT

  PSI-REP-DNET-CAN Datasheet HTML 1Page - PHOENIX CONTACT PSI-REP-DNET-CAN Datasheet HTML 2Page - PHOENIX CONTACT PSI-REP-DNET-CAN Datasheet HTML 3Page - PHOENIX CONTACT PSI-REP-DNET-CAN Datasheet HTML 4Page - PHOENIX CONTACT PSI-REP-DNET-CAN Datasheet HTML 5Page - PHOENIX CONTACT PSI-REP-DNET-CAN Datasheet HTML 6Page - PHOENIX CONTACT PSI-REP-DNET-CAN Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
https://www.phoenixcontact.com/pi/products/2313423
08/14/2018   Page 6 / 7
Repeater - PSI-REP-DNET CAN - 2313423
Schematic diagram
ON
1 2
3 4
5 6
PORTA
DIP switches
Schematic diagram
PSI–REP–DNETCAN
Ord.–No.2313423
VCC
NETB
NETA
ACT
PORTB
TERM.
ON
PORTA
TERM.
ON
PORTA
2
1
3 4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
Front view
Block diagram
PortB
PortA
24V
V+
V+
CAN_High
CAN_High
SHD
SHD
CAN_Low
CAN_Low
V-
V-
(14)
(9)
(13)
(8)
(4)
(12)
(7)
(3)
(11)
(6)
(2)
(10)
(5)
(1)
0V
12
11
DC
DC
gn
DIP
gn
gn
rd
DC
DC
24V 0V GND Data
A
Data
B
124
rd
124
Busmanagement
Alarm
DINrailconnector(T-BUS)
Approvals
Approvals
Approvals
UL Listed / cUL Listed / EAC / EAC / DNV GL / cULus Listed
Ex Approvals
ATEX
Approval details



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com