Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSI-REP-DNET-CAN Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # PSI-REP-DNET-CAN
Description  Automatic data rate detection or fixed data rate setting via DIP switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PSI-REP-DNET-CAN Datasheet(HTML) 4 Page - PHOENIX CONTACT

  PSI-REP-DNET-CAN Datasheet HTML 1Page - PHOENIX CONTACT PSI-REP-DNET-CAN Datasheet HTML 2Page - PHOENIX CONTACT PSI-REP-DNET-CAN Datasheet HTML 3Page - PHOENIX CONTACT PSI-REP-DNET-CAN Datasheet HTML 4Page - PHOENIX CONTACT PSI-REP-DNET-CAN Datasheet HTML 5Page - PHOENIX CONTACT PSI-REP-DNET-CAN Datasheet HTML 6Page - PHOENIX CONTACT PSI-REP-DNET-CAN Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
https://www.phoenixcontact.com/pi/products/2313423
08/14/2018   Page 4 / 7
Repeater - PSI-REP-DNET CAN - 2313423
Technical data
General
UL, USA/Canada
508 Listed
Standards and Regulations
Electromagnetic compatibility
Conformance with EMC Directive 2014/30/EU
Type of test
Free fall in acc. with IEC 60068-2-32
Test result
1 m
Type of test
Vibration resistance in acc. with EN 60068-2-6/IEC 60068-2-6
Test result
5g, 10...150 Hz, 2.5 h, in XYZ direction
Type of test
Shock in acc. with EN 60068-2-27/IEC 60068-2-27
Test result
15g, 11 ms period, half-sine shock pulse
Noise emission
EN 55011
Noise immunity
EN 61000-6-2
Free from substances that could impair the application of coating
according to P-VW 3.10.7 57 65 0 VW-AUDI-Seat central standard
Standards/regulations
EN 61000-4-2
Contact discharge
± 6 kV
Standards/regulations
EN 61000-4-3
Frequency range
80 MHz ... 3 GHz
Standards/regulations
EN 61000-4-4
Comments
Criterion B
Standards/regulations
EN 61000-4-5
Signal
± 1 kV
Standards/regulations
EN 55011
EN 61000-4-6
Designation
Air clearances and creepage distances
Standards/regulations
DIN EN 50178, DIN EN 60950
Electrical isolation
according to EN 60950
Conformance
CE-compliant
ATEX
 II 3 G Ex nA IIC T4 Gc X
UL, USA/Canada
508 Listed
Noxious gas test
ISA-S71.04-1985 G3 Harsh Group A
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com