Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69AR048B Datasheet(PDF) 11 Page - STMicroelectronics

Part # M69AR048B
Description  32 Mbit (2Mb x16) 1.8V Asynchronous PSRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69AR048B Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M69AR048B Datasheet HTML 7Page - STMicroelectronics M69AR048B Datasheet HTML 8Page - STMicroelectronics M69AR048B Datasheet HTML 9Page - STMicroelectronics M69AR048B Datasheet HTML 10Page - STMicroelectronics M69AR048B Datasheet HTML 11Page - STMicroelectronics M69AR048B Datasheet HTML 12Page - STMicroelectronics M69AR048B Datasheet HTML 13Page - STMicroelectronics M69AR048B Datasheet HTML 14Page - STMicroelectronics M69AR048B Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
11/29
M69AR048B
MAXIMUM RATING
Stressing the device above the rating listed in the
Absolute Maximum Ratings table may cause per-
manent damage to the device. Exposure to Abso-
lute Maximum Rating conditions for extended
periods may affect device reliability. These are
stress ratings only and operation of the device at
these or any other conditions above those indicat-
ed in the Operating sections of this specification is
not implied. Refer also to the STMicroelectronics
SURE Program and other relevant quality docu-
ments.
Table 7. Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
IO
Output Current
–50
50
mA
TA
Ambient Operating Temperature
–30
85
°C
TSTG
Storage Temperature
–55
125
°C
VCC
Core Supply Voltage
–0.5
3.6
V
VIO
Input or Output Voltage
–0.5
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com