Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69AR048B Datasheet(PDF) 24 Page - STMicroelectronics

Part # M69AR048B
Description  32 Mbit (2Mb x16) 1.8V Asynchronous PSRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69AR048B Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M69AR048B Datasheet HTML 20Page - STMicroelectronics M69AR048B Datasheet HTML 21Page - STMicroelectronics M69AR048B Datasheet HTML 22Page - STMicroelectronics M69AR048B Datasheet HTML 23Page - STMicroelectronics M69AR048B Datasheet HTML 24Page - STMicroelectronics M69AR048B Datasheet HTML 25Page - STMicroelectronics M69AR048B Datasheet HTML 26Page - STMicroelectronics M69AR048B Datasheet HTML 27Page - STMicroelectronics M69AR048B Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
M69AR048B
24/29
Table 13. Standby Mode AC Characteristics
Note: 1. Applicable also to Power-up.
2. Applicable when 4M, 8M or 16M Partial Power-Down mode is programmed
3. Some data might be written into any address location if tEHWL (min) is not satisfied.
4. The Input Transition Time (t
τ ) at AC testing is 5ns as shown below. If actual tτ is longer than 5ns, it may violate AC specification
of some timing parameters.
Figure 23. Power-Down Programming AC Waveforms
Note: E2 = High.
1. All address inputs must be High from Cycle 1 to Cycle 5.
2. PDCADD stands for Power-Down Configuration Address. It must be compliant with the format specified in Table 6 otherwise the
data programmed during the Power-Down Program sequence may be incorrect.
3. PDCDAT stands for Power-Down Configuration Data. It must be compliant with the format specified in Table 5 otherwise the data
programmed during the Power-Down Program sequence may be incorrect.
4. tEHEL after the end of Cycle 6, the Power-Down Program is completed and the device returns to normal operation.
Symbol
Alt.
Parameter
M69AR048B
Unit
80, 85
Min
Max
tCLEX
tCSP
E2 Low Setup Time for Power-Down Entry
10
ns
tEXCH
tC2LP
E2 Low Hold Time after Power-Down Entry
85
ns
tEHEV
(1)
tCHH
E1 High Hold Time following E2 High after Power-Down Exit
(Deep Power-Down Mode only)
300
µs
tCHEL
(2)
tCHHP
E1 High Hold Time following E2 High after Power-Down Exit
(not in Deep Power-Down Mode)
1µs
tEHCH
tCHS
E1 High Setup Time following E2 High after Power-Down Exit
0
µs
tEHGL
tCHOX
E1 High to G Invalid Time for Standby Entry
10
ns
tEHWL
(3)
tCHWX
E1 High to W Invalid Time for Standby Entry
10
ns
t
τ (4)
t
τ
Input Transition Time
1
25
ns
AI07225c
A0-A20
E1
W
DQ0-DQ15
MSB 2
G
MSB 2
MSB 2
MSB 2
MSB 2
PDCADD3
LB, UB
tAXAV
tAXAVL 4
tAVAX
RDa
RDa
RDa
00
PDCD4
RDb
Cycle 1
Cycle 2
Cycle 3
Cycle 4
Cycle 5
Cycle 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com