Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69AR048B Datasheet(PDF) 18 Page - STMicroelectronics

Part # M69AR048B
Description  32 Mbit (2Mb x16) 1.8V Asynchronous PSRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69AR048B Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M69AR048B Datasheet HTML 14Page - STMicroelectronics M69AR048B Datasheet HTML 15Page - STMicroelectronics M69AR048B Datasheet HTML 16Page - STMicroelectronics M69AR048B Datasheet HTML 17Page - STMicroelectronics M69AR048B Datasheet HTML 18Page - STMicroelectronics M69AR048B Datasheet HTML 19Page - STMicroelectronics M69AR048B Datasheet HTML 20Page - STMicroelectronics M69AR048B Datasheet HTML 21Page - STMicroelectronics M69AR048B Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
M69AR048B
18/29
Table 12. Write Mode AC Characteristics
Note: 1. Maximum value is applicable if E1 is kept Low without any address change. If needed by system operation, please contact your
local ST representative for relaxation of the 1000ns limitation.
2. Minimum value must be equal to or greater than the sum of write pulse (tCW, tWP or tBW) and write recovery time (tWRC, tWR or
tBR).
3. Write pulse is defined from the falling edge of E1, W, or LB/UB, whichever occurs last.
4. Write recovery is defined from Write pulse is defined from the rising edge of E1, W, or LB/UB, whichever occurs first.
5. Applicable to any address change when E1 stays Low.
6. If G is Low after minimum tGHEL, the read cycle is initiated. In other words, G must be brought High within 5ns after E1 is brought
Low. Once the read cycle is initiated, new write pulse should be input after minimum Read Cycle Time is met.
7. If G is Low after new address input, the read cycle is initiated. In other words, G must be brought High at the same time or before
new address valid. Once the read cycle is initiated, new write pulse should be input after minimum Read Cycle Time is met.
Symbol
Alt.
Parameter
M69AR048B
Unit
80
85
Min
Max
Min
Max
tAVAX
(1,2)
tWC
Write Cycle Time
80
1000
85
1000
ns
tAVBL
(2)
tAS
Address Valid to LB, UB Low
0
0
ns
tAVEL
(2)
tAS
Address Valid to Chip Enable Low
0
0
ns
tAVWL
(2)
tAS
Address Valid to Write Enable Low
0
0
ns
tAXAV
(5)
tAXW
Address Invalid Time for Write
10
10
ns
tBHAX
(4)
tBR
LB, UB High to Address Transition
15
1000
15
1000
ns
tBHDZ
tDH
LB, UB High to Input High-Z
0
0
ns
tBLBH
(3)
tBW
LB, UB Low to LB, UB High
45
50
ns
tBLBH2
tBWO
LB, UB Low to LB, UB High for Page Access
20
20
ns
tBLWH
(3)
tBW
LB, UB Low to Write Enable High
45
50
ns
tDVBH
tDS
Input Valid to LB, UB High
20
20
ns
tDVEH
tDS
Input Valid to Chip Enable High
20
20
ns
tDVWH
tDS
Input Valid to Write Enable High
20
20
ns
tEHAX
(4)
tWRC
Chip Enable High to Address Transition
15
15
ns
tEHDZ
tDH
Chip Enable High to Input High-Z
0
0
ns
tEHEL
tCP
Chip Enable High to Chip Enable Low
15
15
ns
tELAX
(1,2)
tWC
Write Cycle Time
80
1000
85
1000
ns
tELEH
(3)
tCW
Chip Enable Low to Chip Enable High
45
50
ns
tGHAV
(7)
tOES
Output Enable High to Address Valid
0
0
ns
tGHEL
(6)
tOHCL
Output Enable High to Chip Enable Low
–5
–5
ns
tWHAX
(4)
tWR
Write Enable High to Address Transition
15
1000
15
1000
ns
tWHDZ
tDH
Write Enable High to Input High-Z
0
0
ns
tWLBH
(3)
tWP
Write Enable Low to LB, UB High
45
50
ns
tWLWH
(3)
tWP
Write Enable Low to Write Enable High
45
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com