Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT25-28DP-2.2H Datasheet(PDF) 4 Page - Hirose Electric

Part # GT25-28DP-2.2H
Description  Metal holddowns to solder by reflow are used instead of screws for PCB mounting.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT25-28DP-2.2H Datasheet(HTML) 4 Page - Hirose Electric

  GT25-28DP-2.2H Datasheet HTML 1Page - Hirose Electric GT25-28DP-2.2H Datasheet HTML 2Page - Hirose Electric GT25-28DP-2.2H Datasheet HTML 3Page - Hirose Electric GT25-28DP-2.2H Datasheet HTML 4Page - Hirose Electric GT25-28DP-2.2H Datasheet HTML 5Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
198
GT25 Series ● Interface Connector
2.2
0.64
0.4
GT25-
*DP-2.2H
9.65
4.3
0.8
8
2+0.1
0
φ1.2
+0.05
0
E
*
B
A
C
0.4
D
0.75±0.03
1.1±0.05
2
1.2
±0.05
15.4
±0.05
2.2
±0.05
Ø1.2
+0.1
0
23.43
±0.05
GT25-8P-2.2H
18
±0.05
■ M connector (PCB type)
Part No.
HRS No.
Color
Material
/Plating
Packaging
RoHS
GT25-8P-2.2H(70)
775-0001-3 70
Light
Gray
PPS
Brass
/
Tin plating
200pcs/reel
YES
Part No.
HRS No.
Color
Material
/
Plating
No. of
Contacts
A
imension
B
imension
C
imension
D
imension
E
imension
Packaging RoHS
GT25-8DP-2.2H
775-0004-1
Light
Gray
PPS
Brass
/
Tin plating
8
17.65
13.2
14.63
7.7±0.05
14.63±0.05
200 pcs/reel
or
1/tray
YES
GT25-12DP-2.2H
775-0005-4
12
22.05
17.6
19.03
12.1±0.05
19.03±0.05
GT25-16DP-2.2H
775-0006-7
16
26.45
22.0
23.43
16.5±0.05
23.43±0.05
GT25-24DP-2.2H
775-0007-0
24
35.25
30.8
32.23
25.3±0.05
32.23±0.05
GT25-28DP-2.2H(01) 775-0040-5 01
28
39.65
35.2
36.63
29.7±0.05
36.63±0.05
GT25-32DP-2.2H
775-0008-2
32
44.05
39.6
41.03
34.1±0.05
41.03±0.05
GT25-40DP-2.2H
775-0003-9
40
52.85
48.4
49.83
42.9±0.05
49.83±0.05
Note : (01) is tray package.
Right-angle Type
8 positions, 1 row
BRecommended PCB Pattern
BRecommended PCB Pattern
2 rows
2
*
0.6
23.43
26.75
22
2.2
0.4
9.65
8
4.3
0.8
18
φ
1.2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com