Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT25-28DP-2.2H Datasheet(PDF) 2 Page - Hirose Electric

Part # GT25-28DP-2.2H
Description  Metal holddowns to solder by reflow are used instead of screws for PCB mounting.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT25-28DP-2.2H Datasheet(HTML) 2 Page - Hirose Electric

  GT25-28DP-2.2H Datasheet HTML 1Page - Hirose Electric GT25-28DP-2.2H Datasheet HTML 2Page - Hirose Electric GT25-28DP-2.2H Datasheet HTML 3Page - Hirose Electric GT25-28DP-2.2H Datasheet HTML 4Page - Hirose Electric GT25-28DP-2.2H Datasheet HTML 5Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
196
GT25 Series ● Interface Connector
● Housing(Pre-assembled retainer)
■ F Connector
A
2.7
Part No.
HRS No.
Color
Material
No. of Contacts
A Dimension
Packaging
RoHS
GT25-8DS-HU/R
775-0059-3
Housing
:Black
Retainer
:Dark
Gray
Housing
:PPE
Retainer
:PBT
811
1
YES
GT25-12DS-HU/R
775-0062-8
PBT
12
15.4
GT25-24DS-HU/R
775-0046-1
Housing
:PPE
Retainer
:PBT
24
28.6
GT25-32DS-HU/R
775-0044-6
32
37.4
Note 1 : Pre-assembled retainer into housing body
Note 2 : After insert assembled contact, retainer has to be pushed-in correct position
Note 3 : Available to purchase housing and retainer separately for repair.
Part No.
HRS No.
Material
Plating
Conductor Size (AWG)
Outer Diameter
Packaging
RoHS
GT25H-2024SCF
775-0039-6
Copper palloy
Tin plating
20 to 22 AWG
φ1.0 to 1.7
10,000 pcs/reel
YES
GT25HB-2428SCF
775-0070-6
24 to 28 AWG
φ0.5 to 1.0
1.4
1.9
■ F Terminal



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com