Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT25-28DP-2.2H Datasheet(PDF) 5 Page - Hirose Electric

Part # GT25-28DP-2.2H
Description  Metal holddowns to solder by reflow are used instead of screws for PCB mounting.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT25-28DP-2.2H Datasheet(HTML) 5 Page - Hirose Electric

  GT25-28DP-2.2H Datasheet HTML 1Page - Hirose Electric GT25-28DP-2.2H Datasheet HTML 2Page - Hirose Electric GT25-28DP-2.2H Datasheet HTML 3Page - Hirose Electric GT25-28DP-2.2H Datasheet HTML 4Page - Hirose Electric GT25-28DP-2.2H Datasheet HTML 5Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
199
GT25 Series ● Interface Connector
C
2.2
GT25-*DP-2.2V
B
9.65
2
+0.1
0
A
4.825
A
4.3
0.8
D
φ1.2
+0.05
0
F
E
0.6
0.4
1.2±0.05
2.2±0.05
■ M connector (PCB type)
Part No. CM-105C
●
Hand tooling
Terminal Product No.
Terminal HRS No.
Tool Part No.
Tool HRS No.
GT25H-2024SCF
775-0039-6
AP105-GT25H-2024S
901-5206-3
GT25HB-2428SCF
775-0070-6
AP105-GT25HB-2428S
901-5230-8
Note : Crimp height setting tables are available for each cable type. Pleace contact your nearest Hirose Electric account representative.
Different cables will require different crimp height settings.
HRS No.
Part No.
Applicable wire
780-0044-1 00
HT304/GT25H-2024S
GT25H-2024SCF
Note : HT304/GT25H-2024S is rated for 0.3SQ (22 AWG) or 0.5SQ (20 AWG) cable only.
HT304/GT25H-2024S can not terminate 0.2SQ (24 AWG) cable.
Part No.
HRS No.
Color
Material
/
Plating
No. of
Contacts
A
Dimension
B
Dimension
C
Dimension
D
Dimension
E
Dimension
F
Dimension
Packaging RoHS
GT25-16DP-2.2V(01)
775-0020-8 01
Light
Gray
PPS
Brass
/
Tin plating
16
26.75
22.3
15.4
23.73
15.4±0.05
23.73±0.05
1/tray
YES
GT25-24DP-2.2V(01)
775-0021-0 01
24
35.55
31.1
24.2
32.53
24.2±0.05
32.53±0.05
GT25-32DP-2.2V(01)
775-0022-3 01
32
44.35
39.9
33.0
41.33
33±0.05
41.33±0.05
GT25-40DP-2.2V(01)
775-0014-5 01
40
53.15
48.7
41.8
50.13
41.8±0.05
50.13±0.05
Straight Type
2 rows
User manuals are available. Please contact your Hirose Electric account representative.
B Crimping tools
Automatic Crimping Machine
Item
Specification
Remarks
Press capacity
1.5tons
-----
Stroke Length
30mm
-----
Number of strokes
200spm (50Hz)
240spm (60Hz)
Weight
75kg
-----
Motor
0.2kw
AC100V
Crimping speed
2,000 to 4,000 pcs/hour
-----
Specifications
BRecommended PCB pattern
Picture reference only



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com