Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT25-28DP-2.2H Datasheet(PDF) 1 Page - Hirose Electric

Part # GT25-28DP-2.2H
Description  Metal holddowns to solder by reflow are used instead of screws for PCB mounting.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT25-28DP-2.2H Datasheet(HTML) 1 Page - Hirose Electric

  GT25-28DP-2.2H Datasheet HTML 1Page - Hirose Electric GT25-28DP-2.2H Datasheet HTML 2Page - Hirose Electric GT25-28DP-2.2H Datasheet HTML 3Page - Hirose Electric GT25-28DP-2.2H Datasheet HTML 4Page - Hirose Electric GT25-28DP-2.2H Datasheet HTML 5Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
195
■ Product Specifications
Rated Current
Insulation Resistance
Withstanding Voltage
Contact Resistance
Operating Temperature Range
3A
(Note 1)
100M
Ω min
AC650V for one minute
No more than 30m
Ω (initially) −40℃ to +105℃(Note 2)
Note 1 : When using different consitions, please consult with Hirose.
Note 2 : Includes temperature rise caused by current flow.
GT25 Series
— SMT Multi-contact Connectors —
Interface Connector
Features
Metal holddowns to solder by reflow are used instead of screws for PCB mounting
.
The width of tab is 025 size.
In cases where the application will demand a high level of reliability, such as automotive,
please contact a company representative for further information.


Similar Part No. - GT25-28DP-2.2H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GT25 ETC2-GT25 Datasheet
168Kb / 2P
PNEUMATIC TURBINE VIBRATIORS
logo
Goford Semiconductor
GT250P10M GOFORD-GT250P10M Datasheet
906Kb / 6P
P-Channel Enhancement Mode Power MOSFET
GT250P10T GOFORD-GT250P10T Datasheet
938Kb / 6P
P-Channel Enhancement Mode Power MOSFET
logo
GTM CORPORATION
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
GT2530 ETL-GT2530 Datasheet
395Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - GT25-28DP-2.2H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HE1020 ETC2-HE1020 Datasheet
41Kb / 1P
Mounting screws are supplied in lengths shown unless otherwise specified.
logo
TE Connectivity Ltd
C-2213130 TEC-C-2213130 Datasheet
666Kb / 3P
M3 SCREW TO BE USED FOR MOUNTING
logo
CUI INC
HSS-B20-043H-01 CUI-HSS-B20-043H-01 Datasheet
307Kb / 3P
solder pins for secure PCB mounting
HSS-B20-061H-03 CUI-HSS-B20-061H-03 Datasheet
270Kb / 3P
solder pin for secure PCB mounting
HSS-B20-085H CUI-HSS-B20-085H Datasheet
265Kb / 3P
solder pin for secure PCB mounting
HSS-B20-0635 CUI-HSS-B20-0635 Datasheet
359Kb / 4P
solder pin for secure PCB mounting
logo
MKS Instruments.
PRECISIVE5-165 MKS-PRECISIVE5-165 Datasheet
372Kb / 2P
Continuous measurement instead of batch handling
logo
Linx Technologies
ANT-418-HESM LINX-ANT-418-HESM Datasheet
400Kb / 2P
HE Series antennas are designed for direct PCB mounting.
5/16/16
ANT-418-HETH LINX-ANT-418-HETH Datasheet
444Kb / 2P
HE Series antennas are designed for direct PCB mounting.
5/16/16
ANT-433-HESM LINX-ANT-433-HESM Datasheet
402Kb / 2P
HE Series antennas are designed for direct PCB mounting.
5/16/16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com