Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT13SC-4/1S-R Datasheet(PDF) 4 Page - Hirose Electric

Part # GT13SC-4/1S-R
Description  Highly efficient and reliable one step crimp termination allows high volume production with semiautomatic equipment.
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT13SC-4/1S-R Datasheet(HTML) 4 Page - Hirose Electric

  GT13SC-4/1S-R Datasheet HTML 1Page - Hirose Electric GT13SC-4/1S-R Datasheet HTML 2Page - Hirose Electric GT13SC-4/1S-R Datasheet HTML 3Page - Hirose Electric GT13SC-4/1S-R Datasheet HTML 4Page - Hirose Electric GT13SC-4/1S-R Datasheet HTML 5Page - Hirose Electric GT13SC-4/1S-R Datasheet HTML 6Page - Hirose Electric GT13SC-4/1S-R Datasheet HTML 7Page - Hirose Electric GT13SC-4/1S-R Datasheet HTML 8Page - Hirose Electric GT13SC-4/1S-R Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
32
GT13 Series ● For Antenna
12.95
24.6
21
(1.4)
GT13S-1P/S-R
GT13S-1PP-HU
GT13S-1S-HU
GT13S-1P/S-R
(35.35)
(1.4)
Standard
(A)
1.2
12.95
21.1
Part No.
HRS No.
Material
/Plating
Color
Key polarizing
code
Packaging
RoHS
GT13S-1PP-HU
763-0030-1 00
Housing
:PBT
Ground terminal
:Copper alloy
/Tin plating
Light Gray
Standard
1
YES
GT13S-1PP-HU(A)
763-0031-4 00
Brown
(A)
Part No.
HRS No.
Material
Color
Packaging
RoHS
GT13S-1P/S-R
763-0033-0 00
PBT
Dark Gray
1
YES
Part No.
HRS No.
Material
Color
Packaging
RoHS
GT13RM-1S-HU
763-0099-8 00
PBT
Light Gray
1
YES
M Housing (1 coaxial)
Retainer
F Housing (1 coaxial) No retainer required type
BMated condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com