Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT13SC-4/1S-R Datasheet(PDF) 14 Page - Hirose Electric

Part # GT13SC-4/1S-R
Description  Highly efficient and reliable one step crimp termination allows high volume production with semiautomatic equipment.
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT13SC-4/1S-R Datasheet(HTML) 14 Page - Hirose Electric

Back Button GT13SC-4/1S-R Datasheet HTML 10Page - Hirose Electric GT13SC-4/1S-R Datasheet HTML 11Page - Hirose Electric GT13SC-4/1S-R Datasheet HTML 12Page - Hirose Electric GT13SC-4/1S-R Datasheet HTML 13Page - Hirose Electric GT13SC-4/1S-R Datasheet HTML 14Page - Hirose Electric GT13SC-4/1S-R Datasheet HTML 15Page - Hirose Electric GT13SC-4/1S-R Datasheet HTML 16Page - Hirose Electric GT13SC-4/1S-R Datasheet HTML 17Page - Hirose Electric GT13SC-4/1S-R Datasheet HTML 18Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
42
GT13 Series ● For Antenna
0.8
14.2
13.7
2.5
Power Supply Terminals
19
20.7
Note1 : Sold by the reel.(Sea above table for number of Packaging.)
Note2 : This component is used only with applicable HRS housings.
Note1 : Sold by the reel.(See above table for number of Packaging.)
Note2 : This component is used only with applicable HRS housings.
GT7-2022SCF(70)
GT7A-2022SCF(70)
757-0001-1 70
757-0003-7 70
Part No.
HRS No.
5,000 pcs/reel
3,000 pcs/reel
Material
Plating
Conductor Size (AWG) Outer Diameter
Packaging
Copper
alloy
Tin plating
20 to 22 AWG
Ø1.4 to 2.4
Ø2.6 to 3.1
YES
RoHS
GT7-2022PCF(70)
GT7A-2022PCF(70)
757-0002-4 70
757-0004-0 70
Part No.
HRS No.
5,000 pcs/reel
3,000 pcs/reel
Material
Plating
Conductor Size (AWG) Outer Diameter
Packaging
Brass
Tin plating
20 to 22 AWG
Ø1.4 to 2.4
Ø2.6 to 3.1
YES
RoHS
GT13SH Series
Part No.
HRS No.
Material
Color
Packaging RoHS
GT13SH-1/1S-HU
763-0048-7 00
PBT
Light Gray
1
YES
GT13SH-1/1S-HU(A)
763-0059-3 00
Brown
Note : GT7-2022SCF(70) or GT7A-2022SCF(70) is used for power supply terminals.
F Housing (1 Coaxial + 1 Power contact)
F Connector Terminals
Terminals for M Connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com