Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT13SC-4/1S-R Datasheet(PDF) 15 Page - Hirose Electric

Part # GT13SC-4/1S-R
Description  Highly efficient and reliable one step crimp termination allows high volume production with semiautomatic equipment.
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT13SC-4/1S-R Datasheet(HTML) 15 Page - Hirose Electric

Back Button GT13SC-4/1S-R Datasheet HTML 11Page - Hirose Electric GT13SC-4/1S-R Datasheet HTML 12Page - Hirose Electric GT13SC-4/1S-R Datasheet HTML 13Page - Hirose Electric GT13SC-4/1S-R Datasheet HTML 14Page - Hirose Electric GT13SC-4/1S-R Datasheet HTML 15Page - Hirose Electric GT13SC-4/1S-R Datasheet HTML 16Page - Hirose Electric GT13SC-4/1S-R Datasheet HTML 17Page - Hirose Electric GT13SC-4/1S-R Datasheet HTML 18Page - Hirose Electric GT13SC-4/1S-R Datasheet HTML 19Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
43
GT13 Series ● For Antenna
20.9
20.4
3.5
0.8
12.7
1.2
10.65
12.7
1.2
Part No.
HRS No.
Material
Color
Packaging RoHS
GT13SH-1/1S-R
763-0049-0 00
PBT
Dark Gray
1
YES
Part No.
HRS No.
Material
Color
Packaging RoHS
GT13SH-2/1S-HU
763-0065-6 00
PBT
Light Gray
1
YES
Note : GT7-2022SCF(70) or GT7A-2022SCF(70) is used for power supply terminals.
Part No.
HRS No.
Material
Color
Packaging RoHS
GT13SH-2/1S-R
763-0064-3 00
PBT
Dark Gray
1
YES
Retainer
F Housing (2 Coaxials + 1 Power contact)
Retainer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com