Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT13SC-4/1S-R Datasheet(PDF) 11 Page - Hirose Electric

Part # GT13SC-4/1S-R
Description  Highly efficient and reliable one step crimp termination allows high volume production with semiautomatic equipment.
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT13SC-4/1S-R Datasheet(HTML) 11 Page - Hirose Electric

Back Button GT13SC-4/1S-R Datasheet HTML 7Page - Hirose Electric GT13SC-4/1S-R Datasheet HTML 8Page - Hirose Electric GT13SC-4/1S-R Datasheet HTML 9Page - Hirose Electric GT13SC-4/1S-R Datasheet HTML 10Page - Hirose Electric GT13SC-4/1S-R Datasheet HTML 11Page - Hirose Electric GT13SC-4/1S-R Datasheet HTML 12Page - Hirose Electric GT13SC-4/1S-R Datasheet HTML 13Page - Hirose Electric GT13SC-4/1S-R Datasheet HTML 14Page - Hirose Electric GT13SC-4/1S-R Datasheet HTML 15Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
39
GT13 Series ● For Antenna
16.4
17.1
1.2
31.7
(1.5)
(38.6) (1.5)
GT13SC-4/1S-R
GT13SC-4/1S-HU
GT13SC-4/1P-R
12
36.15
12.85
14.9
3.7
2.2
Part No.
HRS No.
Material
Color
Packaging
RoHS
GT13SC-2/1PP-R
763-0040-5 00
PBT
Dark Gray
1
YES
Part No.
HRS No.
Material
Color
Packaging
RoHS
GT13SC-4/1P-R
763-0061-5 00
PBT
Dark Gray
1
YES
Part No.
HRS No.
Material
Color
Packaging
RoHS
GT13SCH-4/1PP-HU 763-0060-2 00
PBT
Light Gray
1
YES
Note : GT10SC-2022PCF or GT10A-2022PCF is used for power supply terminals.
M Housing (4 Coaxials + 1 Power contact)
Retainer
Retainer (Only for GT13SCN-2/1PP-HU)
BMated condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com