Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT17-8DS-R Datasheet(PDF) 6 Page - Hirose Electric

Part # GT17-8DS-R
Description  All surface shielded construction.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT17-8DS-R Datasheet(HTML) 6 Page - Hirose Electric

Back Button GT17-8DS-R Datasheet HTML 2Page - Hirose Electric GT17-8DS-R Datasheet HTML 3Page - Hirose Electric GT17-8DS-R Datasheet HTML 4Page - Hirose Electric GT17-8DS-R Datasheet HTML 5Page - Hirose Electric GT17-8DS-R Datasheet HTML 6Page - Hirose Electric GT17-8DS-R Datasheet HTML 7Page - Hirose Electric GT17-8DS-R Datasheet HTML 8Page - Hirose Electric GT17-8DS-R Datasheet HTML 9Page - Hirose Electric GT17-8DS-R Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
125
GT17 Series ● For Network, High speed communication
GT17VA-6DP-DS(70)
GT17VC-6DP-DS(70)
PC BOARD
16.5
13.1
GT17VC-6DP-DS(70)
PANEL
GT17-6DS-R
GT17VA-6DS-HU
15
2
3
In Combination with a Right-angle Connector
(Facing Down)
16.5
13.1
GT17V-6DS-R
GT17VA-6DP-DS(70)
3
15
2
16.5
13.1
GT17VA-6DP-DS
26.5
2
GT17VS-6DS-R
PC BOARD
PC BOARD
PANEL
PANEL
GT17VA-6DS-HU
GT17VSA-6DS-HU
In Combination with a Right-angle Connector
(Facing Up)
In Combination with a Straight Connector
6 Pos. Printed Circuit Board Connectors
BBy using two key codings for different purposes, incorrect insertion can be prevented.
● Cable extraction facing up
● Cable extraction facing down
Part No.
HRS No.
Material / Plating or Color
Packaging
RoHS
GT17VA-6DP-DS(70) 767-0025-7 70
Housing: PBT/Black
Center terminal: Brass /Tin plating
Outer terminal: Copper alloy /Tin plating
1
YES
Part No.
HRS No.
Material / Plating or Color
Packaging
RoHS
GT17VC-6DP-DS(70) 767-0033-5 70
Housing: PBT/Black
Center terminal: Brass /Tin plating
Outer terminal: Copper alloy /Tin plating
1
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com