Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT17-8DS-R Datasheet(PDF) 26 Page - Hirose Electric

Part # GT17-8DS-R
Description  All surface shielded construction.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT17-8DS-R Datasheet(HTML) 26 Page - Hirose Electric

Back Button GT17-8DS-R Datasheet HTML 22Page - Hirose Electric GT17-8DS-R Datasheet HTML 23Page - Hirose Electric GT17-8DS-R Datasheet HTML 24Page - Hirose Electric GT17-8DS-R Datasheet HTML 25Page - Hirose Electric GT17-8DS-R Datasheet HTML 26Page - Hirose Electric GT17-8DS-R Datasheet HTML 27Page - Hirose Electric GT17-8DS-R Datasheet HTML 28Page - Hirose Electric GT17-8DS-R Datasheet HTML 29Page - Hirose Electric GT17-8DS-R Datasheet HTML 30Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
145
GT17 Series ● For Network, High speed communication
12.2
GT17H-4P-2DS(S)
GT17H-4P-2DS(S)
GT17H-4P-2DS(B)
GT17H-4P-2DS(C)
GT17H-4P-2DS(A)
Green
Key B
Standard
Light Gray
Brown
Key A
Blue
Key C
12
3
4
4
3
2
1
4
3
2
1
4
3
2
1
*
1234
4
3
2
1
16.8
GT17H-4P-2DSA(S)
GT17H-4P-2DSA(S)
GT17H-4P-2DSA(A)
GT17H-4P-2DSA(C)
GT17H-4P-2DSA(B)
Green
Key B
Standard
Light Gray
Brown
Key A
Blue
Key C
Part No.
GT17H-4P-2DS
HRS No.
767-0166-9
Material / Plating
Color
Packaging
300pcs/reel
Light Gray
Housing:PPS
Center terminal:Brass/Tin plating
Outer terminal:Copper alloy/Tin plating
GT17H-4P-2DS(A)
767-0210-9 Brown
GT17H-4P-2DS(B)
767-0211-1 Green
GT17H-4P-2DS(C)
767-0212-4 Blue
YES
RoHS
Part No.
GT17H-4P-2DSA
HRS No.
767-0181-2
Material / Plating
Color
Packaging
1
Light Gray
Housing:PPS
Center terminal:Brass/Tin plating
Outer terminal:Copper alloy/Tin plating
GT17H-4P-2DSA(A)
767-0182-5 Brown
GT17H-4P-2DSA(B)
767-0183-8 Green
GT17H-4P-2DSA(C)
767-0184-0 Blue
YES
RoHS
GT17H-4P-2DS
GT17H-4P-2DSA
4 Pos. Printed Circuit Board Connector
(Right angle DIP type)
4 Pos. Printed Circuit Board Connector
(Straight DIP type)
Key Variation
Key Variation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com