Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT17-8DS-R Datasheet(PDF) 27 Page - Hirose Electric

Part # GT17-8DS-R
Description  All surface shielded construction.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT17-8DS-R Datasheet(HTML) 27 Page - Hirose Electric

Back Button GT17-8DS-R Datasheet HTML 23Page - Hirose Electric GT17-8DS-R Datasheet HTML 24Page - Hirose Electric GT17-8DS-R Datasheet HTML 25Page - Hirose Electric GT17-8DS-R Datasheet HTML 26Page - Hirose Electric GT17-8DS-R Datasheet HTML 27Page - Hirose Electric GT17-8DS-R Datasheet HTML 28Page - Hirose Electric GT17-8DS-R Datasheet HTML 29Page - Hirose Electric GT17-8DS-R Datasheet HTML 30Page - Hirose Electric GT17-8DS-R Datasheet HTML 31Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
146
GT17 Series ● For Network, High speed communication
● Insulator
● Shield plate
● Retainer
*
234
1
*
44.85
● Center terminal
BMating Table
Cable side F connector
GT17H-4S-ASSY
GT17H-4S-ASSY(Key typeA)
GT17H-4S-ASSY(Key typeB)
GT17H-4S-ASSY(Key typeC)
GT17HS-4Pos In-line connector
GT17HSP-4P-ASSY
GT17HSP-4P-ASSY(Key typeA)
GT17HSP-4P-ASSY(Key typeB)
GT17HSP-4P-ASSY(Key typeC)
Color
Light Gray
Brown
Green
Blue
● Housing
Part No.
HRS No.
Material / Plating or Color
Packaging
RoHS
GT17HSP-4P-HU
767-0158-0
PBT / Light Gray
1
YES
GT17HSP-4P-HU(A)
767-0192-9
PBT / Brown
GT17HSP-4P-HU(B)
767-0193-1
PBT / Green
GT17HSP-4P-HU(C)
767-0194-4
PBT / Blue
● Outer terminal
Part No.
HRS No.
Material / Plating or Color
Outer Diameter
Packaging
RoHS
GT17HS-4P-5CF
767-0156-5
Copper alloy / Tin plating
Ø4.8 to 5.2
800 pcs/reel
YES
Part No.
HRS No.
Material / Plating or Color
Packaging
RoHS
GT17HS-4P-2C
767-0155-2
PBT / Light Gray
1
YES
Part No.
HRS No.
Material / Plating or Color
Packaging
RoHS
GT17HS-4P-SC
767-0157-8
Copper alloy / Tin plating
1
YES
Part No.
HRS No.
Material / Plating or Color
Packaging
RoHS
GT17HS-4P-R
767-0159-3
PBT / Dark Gray
1
YES
Part No.
HRS No.
Material / Plating or Color
Conductor Size(AWG)
Outer Diameter
Packaging
RoHS
GT8E-2428PCF
758-0067-6
Phosphor Bronze / Tin plating
24
to 28 AWG
Ø0.9 to 1.1
10,000 pcs/reel
YES
4 Pos. In-line Connectors
BThe product comprises 6 parts.
(Housing, insulator, outer terminal, shield plate, retainer,
and center terminal)
Standard
Light Gray
Brawn
Key A
Key B
Green
Key C
Blue
Key Variation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com