Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT17-8DS-R Datasheet(PDF) 2 Page - Hirose Electric

Part # GT17-8DS-R
Description  All surface shielded construction.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT17-8DS-R Datasheet(HTML) 2 Page - Hirose Electric

  GT17-8DS-R Datasheet HTML 1Page - Hirose Electric GT17-8DS-R Datasheet HTML 2Page - Hirose Electric GT17-8DS-R Datasheet HTML 3Page - Hirose Electric GT17-8DS-R Datasheet HTML 4Page - Hirose Electric GT17-8DS-R Datasheet HTML 5Page - Hirose Electric GT17-8DS-R Datasheet HTML 6Page - Hirose Electric GT17-8DS-R Datasheet HTML 7Page - Hirose Electric GT17-8DS-R Datasheet HTML 8Page - Hirose Electric GT17-8DS-R Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
121
GT17 Series ● For Network, High speed communication
1.7
1.45
2.1
1.7
0.64
0.9
Part No.
HRS No.
Material
Plating
Conductor Size (AWG)
Outer Diameter
Packaging
RoHS
GT17-2022SCF
767-0009-0
Copper alloy
Tin plating
20 to 22 AWG
φ1.1 to 1.3
10,000 pcs/reel
YES
GT17-2428SCF
767-0010-0
24 to 28 AWG
φ0.7 to 1.0
GT17-30SCF
767-0064-9
30 AWG
φ1.1 to 1.3
GT17B-2428SCF
767-0122-3
24 to 28 AWG
φ0.5 to 0.7
Part No.
HRS No.
Material
Plating
Conductor Size (AWG)
Outer Diameter
Packaging
RoHS
GT17-2022PCF
767-0082-0
Brass
Tin plating
20 to 22 AWG
φ1.1 to 1.3
10,000 pcs/reel
YES
GT17-2428PCF
767-0076-8
24 to 28 AWG
φ0.7 to 1.0
GT17A-2428PCF
767-0121-0
φ1.1 to 1.3
F Connectors
Center Terminals
(Used with 6, 8, and 10 pos. cable)
M Connectors
Center Terminals
(Used with 6, and 10 pos. cable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com