Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT1-1/1PP-R Datasheet(PDF) 4 Page - Hirose Electric

Part # GT1-1/1PP-R
Description  Highly efficient and reliable single motion crimp termination allows high volume production with semiautomatic equipment.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT1-1/1PP-R Datasheet(HTML) 4 Page - Hirose Electric

  GT1-1/1PP-R Datasheet HTML 1Page - Hirose Electric GT1-1/1PP-R Datasheet HTML 2Page - Hirose Electric GT1-1/1PP-R Datasheet HTML 3Page - Hirose Electric GT1-1/1PP-R Datasheet HTML 4Page - Hirose Electric GT1-1/1PP-R Datasheet HTML 5Page - Hirose Electric GT1-1/1PP-R Datasheet HTML 6Page - Hirose Electric GT1-1/1PP-R Datasheet HTML 7Page - Hirose Electric GT1-1/1PP-R Datasheet HTML 8Page - Hirose Electric GT1-1/1PP-R Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
10.4
Indication of
Condductor Size(AWG)
24.25
8.8
23
Indication of
Condductor Size(AWG)
GT1 Series
10
Terminals for coaxial shielded cable
Item
Material
Finish
Insulator
PBT
Color: Dark gray
Crimp terminal
Brass
Tin plating
Outer terminal
Brass
Tin plating
Note: Products marked with an asterisk (*) indicate polyethylene foam insulation.
Part Number
CL No.
GT1-1P-2428 / 1.6C
GT1-1P-30 / 1.6C
GT1-1P-2022 / 2.9C
GT1-1P-30 / 2.9C
GT1-1P-2428 / F5C
GT1-1P-30 / F5C
GT1-1P-2428 / F4C
751-0002-6
751-0030-1
751-0014-5
751-0031-4
751-0034-2
751-0038-3
751-0047-4
Inner Insulator
Diameter
Outer
Diameter
Packaging
1.5 to 2.0mm 2.6 to 3.4mm
0,800
2.8 to 3.5mm
2.5 to 3.5mm
4.0mm
0,600
4.6 to 5.0mm
Note: Products marked with an asterisk (*) indicate polyethylene foam insulation.
Part Number
0,800
GT1-1S-2428 / 1.6C
GT1-1S-30 / 1.6C
GT1-1S-2022 / 2.9C
GT1-1S-30 / 2.9C
GT1-1S-2428 / F5C
GT1-1S-30 / F5C
GT1-1S-2428 / F4C
*
*
751-0001-3
751-0029-2
751-0015-8
751-0032-7
751-0033-0
751-0037-0
751-0046-1
#24 to 28 or equivalent
#30 or equivalent
#20 to 22 or equivalent
#30 or equivalent
#24 to 28 or equivalent
#30 or equivalent
#24 to 28 or equivalent
Conductor Size
(AWG)
CL No.
Inner Insulator
Diameter
1.5 to 2.0mm 2.6 to 3.4mm
4.6 to 5.0mm
2.8 to 3.5mm
2.5 to 3.5mm
4.0mm
Outer
Diameter
Packaging
1,200
#24 to 28 or equivalent
#30 or equivalent
#20 to 22 or equivalent
#30 or equivalent
#24 to 28 or equivalent
#30 or equivalent
#24 to 28 or equivalent
Conductor Size
(AWG)
F Connector Terminals
M Connector Terminals
*
*
Item
Material
Finish
Insulator
PBT
Color: Dark gray
Crimp terminal
Brass
Tin plating
Outer terminal
Brass
Tin plating
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com