Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT1-1/1PP-R Datasheet(PDF) 18 Page - Hirose Electric

Part # GT1-1/1PP-R
Description  Highly efficient and reliable single motion crimp termination allows high volume production with semiautomatic equipment.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT1-1/1PP-R Datasheet(HTML) 18 Page - Hirose Electric

Back Button GT1-1/1PP-R Datasheet HTML 12Page - Hirose Electric GT1-1/1PP-R Datasheet HTML 13Page - Hirose Electric GT1-1/1PP-R Datasheet HTML 14Page - Hirose Electric GT1-1/1PP-R Datasheet HTML 15Page - Hirose Electric GT1-1/1PP-R Datasheet HTML 16Page - Hirose Electric GT1-1/1PP-R Datasheet HTML 17Page - Hirose Electric GT1-1/1PP-R Datasheet HTML 18Page - Hirose Electric GT1-1/1PP-R Datasheet HTML 19Page - Hirose Electric GT1-1/1PP-R Datasheet HTML 20Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
GT1 Series
24
4.5
T=1
9.8
8
12
1.1
5.85
6.2
3.9
5.85
7.8
3.9
Mounted Condition Installed
Note 1: This product can be attached to GT1-1PP-HU, GT1-1/1PP-HU, and GT1-2/1PP-HU.
Note 2: Please use the tin plated item when making a ground connection.
Part Number
CL No.
Material
Finish
GT-BK(01)
751-0039-6-22
Tin plating
GT-BK(01)
751-0039-6-01
SPCC
Zinc plating
Note: This product cannot be used with GT1K-1S-HU.
Part Number
CL No.
Item
Material
Finish
Top Shield Cover
Tin plating
GT1-1S-1.6CSB
751-0009-5
Bottom Shield Cover
SPCC
Zinc plating
Note: The product normally has sufficient performance without using the shield plate; however, when used in especially high frequency bands (e.g.,
1 GHz and higher), use of the shield plate is recommended so that even higher shielding effectiveness may be obtained.
Part Number
CL No.
Item
Material
Finish
Top Shield Cover
GT1-1P-1.6CSB
751-0008-2
Bottom Shield Cover
Brass
Tin plating
Accessories
Brackets (for M Connector Housing)
F Terminal Shield Cover
M Terminal Shield Plate
Mounted Condition Installed
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com