Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT1-1/1PP-R Datasheet(PDF) 17 Page - Hirose Electric

Part # GT1-1/1PP-R
Description  Highly efficient and reliable single motion crimp termination allows high volume production with semiautomatic equipment.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT1-1/1PP-R Datasheet(HTML) 17 Page - Hirose Electric

Back Button GT1-1/1PP-R Datasheet HTML 12Page - Hirose Electric GT1-1/1PP-R Datasheet HTML 13Page - Hirose Electric GT1-1/1PP-R Datasheet HTML 14Page - Hirose Electric GT1-1/1PP-R Datasheet HTML 15Page - Hirose Electric GT1-1/1PP-R Datasheet HTML 16Page - Hirose Electric GT1-1/1PP-R Datasheet HTML 17Page - Hirose Electric GT1-1/1PP-R Datasheet HTML 18Page - Hirose Electric GT1-1/1PP-R Datasheet HTML 19Page - Hirose Electric GT1-1/1PP-R Datasheet HTML 20Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
GT1 Series
23
BMating, Cross-Sectional View
38.3
A
A
GT1-2/1P-DS
GT1-2/1S-HU(A)
46.9
A
A
GT1-2/1P-DS
GT1-2/1S-HU
GT1-2/1P-DS+GT1-2/1S-HU(A)
1
2
3
4
5
6
7
8
9
Part Number
Part
Number Used
1
2
2
2
1
1
2
2
2
Material
PBT
PBT
Brass
Brass
PBT
PBT
PBT
Phosphor bronze
Brass
Finish
UL94V-0
UL94V-0
Tin plating
Tin plating
UL94V-0
UL94V-0
UL94V-0
Tin plating
Tin plating
Housing
Insulator
0.64 X 1.1 terminal
Outer terminal
Housing
Retainer
Insulator
Crimp terminal
Outer terminal
GT1-2/1P-DS(A)
GT1-2/1S-HU(A)
GT1-2/1S-HU(A)
GT1-1S-2428/1.6C
Currently, the GT7 Series terminals are used for the power supply of the GT1 Series combination type.
See Page 157 for details about the GT7 Series.
The coupled, cross-sectional view of the GT7 terminals of the GT1-2/1 Series appears below.
Part Number
GT1-1/1S-HU
GT1-2/1S-HU
GT1-1/1PP-HU
GT1-2/1PP-HU
Terminal
GT7-2022SCF, GT7A-2022SCF
GT7-2022PCF, GT7A-2022PCF
1
2
3
4
5
6
Part Number
GT1-2/1PP-HU
GT1-2/1PP-R
GT7-2022PCF
GT1-2/1S-HU
GT1-2/1S-R
GT7-2022SCF
Examples of Printed Circuit Board Type and Cable Type
Mating, Top View
Cross Section AA
Example of Cable-to-Cable Type
Cross Section AA
Mating, Top View
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com