Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT1-1/1PP-R Datasheet(PDF) 13 Page - Hirose Electric

Part # GT1-1/1PP-R
Description  Highly efficient and reliable single motion crimp termination allows high volume production with semiautomatic equipment.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT1-1/1PP-R Datasheet(HTML) 13 Page - Hirose Electric

Back Button GT1-1/1PP-R Datasheet HTML 9Page - Hirose Electric GT1-1/1PP-R Datasheet HTML 10Page - Hirose Electric GT1-1/1PP-R Datasheet HTML 11Page - Hirose Electric GT1-1/1PP-R Datasheet HTML 12Page - Hirose Electric GT1-1/1PP-R Datasheet HTML 13Page - Hirose Electric GT1-1/1PP-R Datasheet HTML 14Page - Hirose Electric GT1-1/1PP-R Datasheet HTML 15Page - Hirose Electric GT1-1/1PP-R Datasheet HTML 16Page - Hirose Electric GT1-1/1PP-R Datasheet HTML 17Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13.7
21.1
33
Mounting bracket
attachment side
GT1 Series
19
17.75
14.5
Tin plating
8
5
5
2.8
1.5
16.8
Part Number
CL No.
Remarks
GT1-1 / 1PP-HU(00)
751-0025-1-10
1.5mm
With ground terminal
GT1-1 / 1PP-HU(10)
751-0025-1-10
1.5mm
Without ground terminal
GT1-1 / 1PP-HU(11)
751-0025-1-11
1.0mm
With ground terminal
Note: Used with separate retainer (GT1-1/1PP-R).
Note: Mount this item after provisional insertion into the housing, or after terminal insertion.
Item
Material
Finish
Housing
PBT
Light gray
Ground terminal Phosphor bronze
Tin plating
Part Number
CL Number
Material
Color
GT1-1/1PP-R
751-0027-7
PBT
Dark gray
BRecommended Mounting Bracket Dimensions (T=1.5mm)
M Connectors
Housings
Mounting bracket
attachment side
Retainer (exclusively for GT1-1/1PP-HU)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com