Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD104VT2 Datasheet(PDF) 22 Page - AZ Displays

Part # PD104VT2
Description  color TFT LCD module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD104VT2 Datasheet(HTML) 22 Page - AZ Displays

Back Button PD104VT2 Datasheet HTML 14Page - AZ Displays PD104VT2 Datasheet HTML 15Page - AZ Displays PD104VT2 Datasheet HTML 16Page - AZ Displays PD104VT2 Datasheet HTML 17Page - AZ Displays PD104VT2 Datasheet HTML 18Page - AZ Displays PD104VT2 Datasheet HTML 19Page - AZ Displays PD104VT2 Datasheet HTML 20Page - AZ Displays PD104VT2 Datasheet HTML 21Page - AZ Displays PD104VT2 Datasheet HTML 22Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
PD104VT2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:22
Revision History
Rev.
Issued
Date
Revised
Contents
1.0
Sep 12,2002
New
1.1
Mar. 18,2003
Modify
Page 5 Mechanical Drawing(change PCBA outline
dimension)
Modify
Page 6 TFT-LCD Panel Driving (pin 31 must connect to
ground )
Modify
Page 7-3 Input / Output signal timing chart (Back Porch
form 49 to 48)
Modify
Page 17 Reliability test (High Temperature & High
Humidity Operation Test from 60℃,95%RH
to 60℃,90%RH)
1.2
Mar. 31,2003
Add
Page 17 10.Handling Cautions
Add
Page 18 12. Indication of Lot Number Label
1.3
Aug. 26 ,2003
Modify
Page 9 7-4 Display Time Range(remove positive input
signal )
Modify
Page 18 11. Reliability Test(remove low temperature
storage test , low temperature operation test from
0℃ to -10℃)
Modify
Page 18 12. Indication of Lot Number Label
1.4
Nov. 25 ,2003
Modify
Page 4, 5 Mechanical Drawing
Add
Page 6 Support the DENB mode & Image Reversion :
Up/Down and Left/Right
Modify
Page16 Contrast Ratio
(CR from Typ.180,Min.100 to Typ.400,Min.200)
Modify
Page 20 Indication of Lot Number Label
Page 8 Electrical Characteristics
a.Input/Output signal timing chart
b.Display Time Range
1.5
Mar. 18 ,2004
Modify Page 7 Note 5-4:The definitions of U/D & R/L
1.6
Sep. 14, 2004
Modify
Page 5 Mechanical Drawing
1.7
Sep. 30, 2004
Modify
Page 21 Packing Diagram
Page 9 Note 7-3 Add Lamp kick –off time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com