Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD104VT2 Datasheet(PDF) 10 Page - AZ Displays

Part # PD104VT2
Description  color TFT LCD module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD104VT2 Datasheet(HTML) 10 Page - AZ Displays

Back Button PD104VT2 Datasheet HTML 6Page - AZ Displays PD104VT2 Datasheet HTML 7Page - AZ Displays PD104VT2 Datasheet HTML 8Page - AZ Displays PD104VT2 Datasheet HTML 9Page - AZ Displays PD104VT2 Datasheet HTML 10Page - AZ Displays PD104VT2 Datasheet HTML 11Page - AZ Displays PD104VT2 Datasheet HTML 12Page - AZ Displays PD104VT2 Datasheet HTML 13Page - AZ Displays PD104VT2 Datasheet HTML 14Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
PD104VT2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:10
7-2) Input / Output signal timing chart
Parameters
Symbol
Min.
Typ.
Max.
Unit
Note
Fc=1/Tc
25.175
MHz
CLK
Frequency
tc
40
ns
Note 7-6
31.778
us
Period
Hp
800
tc
Display period
Hdp
640
tc
Pulse width
Hpw
12
96
139
tc
Back-porch
Hbp
12
48
139
tc
Front-porch
Hfp
16
tc
Hpw+Hbp
136
144
151
tc
Hsync-CLK
Hhc
10
Tc-10
ns
Hsync
Vsync-Hsync
Hvh
0
0
200
tc
16.8
ms
Period
Vp
515
525
800
Hp
Display period
Vdp
480
Hp
Pulse width
Vpw
2
2
35
Hp
Back-porch
Vbp
2
33
35
Hp
Front-porch
Vfp
1
10
Hp
Vsync
Vpw+Vbp
31
35
38
Hp
CLK-DATA
Dcd
10
ns
Data
DATA-CLK
Ddc
10
ns
Horizontal scanning
period
T1
780
800
900
tc
Horizontal display
period
T2
640
tc
Vertical display
period
T3
480
T1
DENB
Frame cycling
period
T4
515
525
800
T1
Note 7-6 : Tc is the period of sampling clock. In case of low-frequency , the image-flicker may occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com