Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD104VT2 Datasheet(PDF) 16 Page - AZ Displays

Part # PD104VT2
Description  color TFT LCD module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD104VT2 Datasheet(HTML) 16 Page - AZ Displays

Back Button PD104VT2 Datasheet HTML 12Page - AZ Displays PD104VT2 Datasheet HTML 13Page - AZ Displays PD104VT2 Datasheet HTML 14Page - AZ Displays PD104VT2 Datasheet HTML 15Page - AZ Displays PD104VT2 Datasheet HTML 16Page - AZ Displays PD104VT2 Datasheet HTML 17Page - AZ Displays PD104VT2 Datasheet HTML 18Page - AZ Displays PD104VT2 Datasheet HTML 19Page - AZ Displays PD104VT2 Datasheet HTML 20Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
PD104VT2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:16
Note 9-1:The definitions of viewing angles are as follow
Note 9-2 : The definition of contrast ratio CR
Luminance at gray level 63
Luminance at gray level 0
=
Note 9-3:Topcon BM-5A luminance meter 2°field of view is used in the testing (after 30 minutes’
operation). The typical luminance value is measured at lamp current 12.0 mA.
Note 9-4: Definition of Response Time Tr and Tf:
100%
90%
10%
0%
White
White
Black
Tr
Tf
12 o’clock
3o’clock
9o’clock
6o’clock
θ
φ
Lamp connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com