Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD104VT2 Datasheet(PDF) 9 Page - AZ Displays

Part # PD104VT2
Description  color TFT LCD module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD104VT2 Datasheet(HTML) 9 Page - AZ Displays

Back Button PD104VT2 Datasheet HTML 5Page - AZ Displays PD104VT2 Datasheet HTML 6Page - AZ Displays PD104VT2 Datasheet HTML 7Page - AZ Displays PD104VT2 Datasheet HTML 8Page - AZ Displays PD104VT2 Datasheet HTML 9Page - AZ Displays PD104VT2 Datasheet HTML 10Page - AZ Displays PD104VT2 Datasheet HTML 11Page - AZ Displays PD104VT2 Datasheet HTML 12Page - AZ Displays PD104VT2 Datasheet HTML 13Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
PD104VT2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:9
Note 7-1 : To test the current dissipation of Vcc, using the “color bars” testing pattern shown
as below
1
2345678
1. White
2. Yellow
3. Cyan
4. Green
5. Magenta
6. Red
7. Blue
8. Black
Idd current dissipation testing pattern
Note 7-2 : The back-light driving waveform should be as closed to sine-wave as possible.
In order to satisfy the quality of B/L , no matter use what kind of inverter , the
output lamp current must between Min. and Max. to avoid the abnormal
display image caused by B/L.
Note 7-3 : Not including the efficiency of backlight DC/AC inverter
The kick-off time must larger than 1 second
Note 7-4 : Lamp current is measured with current meter for high frequency as shown below
Note 7-5: The life time is determined as the time at which brightness of lamp is 50% compare
to that of initial value at the typical lamp current.
Lamp current dissipation testing configuration
TFT-LCD
MODULE
Inverter
1
2
3
1
2
3
Note1:Pin 1 is high voltage,Pin 2 NC, Pin 3 ground.
Note2:One Lamp Current is 6mA.Two Lamp 12mA.
NC
NC
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com