Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFBR-RXXYYYZ Datasheet(PDF) 4 Page - Broadcom Corporation.

Part # HFBR-RXXYYYZ
Description  Plastic Optical Fiber Cable and Accessories for Versatile Link
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HFBR-RXXYYYZ Datasheet(HTML) 4 Page - Broadcom Corporation.

  HFBR-RXXYYYZ Datasheet HTML 1Page - Broadcom Corporation. HFBR-RXXYYYZ Datasheet HTML 2Page - Broadcom Corporation. HFBR-RXXYYYZ Datasheet HTML 3Page - Broadcom Corporation. HFBR-RXXYYYZ Datasheet HTML 4Page - Broadcom Corporation. HFBR-RXXYYYZ Datasheet HTML 5Page - Broadcom Corporation. HFBR-RXXYYYZ Datasheet HTML 6Page - Broadcom Corporation. HFBR-RXXYYYZ Datasheet HTML 7Page - Broadcom Corporation. HFBR-RXXYYYZ Datasheet HTML 8Page - Broadcom Corporation. HFBR-RXXYYYZ Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Plastic Optical Fiber Connector Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Unit
Note
Storage and Operating Temperature
TS,O
-40
85
°C
1
Recommended Operating Temperature
TO
-40
85
°C
1
Installation Temperature
Tl
0
70
°C
1
Nut Torque
HFBR-4505Z/4515Z Adapter
TN
0.7
N-m
2
100
OzF-in.
Notes:
1. Storage and Operating Temperatures refer to the ranges over which the connectors can be used when not subjected to mechanical stress.
Installation Temperature refers to the ranges over which connectors may be installed onto the fiber and over which connectors can be
connected and disconnected from transmitter and receiver modules.
2. Recommended nut torque is 0.57 N-m.
Plastic Optical Fiber Connector Mechanical/Optical Characteristics
TA = -40 to +85°C, Unless Otherwise Specified.
Parameter
Part Number
Symbol
Min.
Typ.[1]
Max.
Units
Temp. °C
Note
Retention Force,
Connector to Versatile
Link Transmitters
and Receivers
Simplex,
HFBR-4501Z/4511Z
FR-C
7
3
8
N
+25
-40 to +85
2
Simplex Latching,
HFBR-4503Z/4513Z
47
11
80
+25
-40 to +85
Duplex,
HFBR-4506Z
7
4
12
+25
-40 to +85
Duplex Latching,
HFBR-4516Z
50
15
80
+25
-40 to +85
Tensile Force,
Connector to Cable
Simplex,
HFBR-4501Z/4511Z
FT
8.5
22
N
3
Simplex Latching,
HFBR-4503Z/4513Z
8.5
22
Duplex, HFBR-4506Z
14
35
Duplex Latching,
HFBR-4516Z
14
35
Adapter Connector
to Connector Loss
HFBR-4505Z/4515Z with
HFBR-4501Z/4511Z
aCC
0.7
1.5
2.8
dB
25
4, 5
Retention Force
Connector to Adapter
HFBR-4505Z/4515Z with
HFBR-4501Z/4511Z
FR-B
7
8
N
Insertion Force,
Connector to Versatile
Link Transmitters and
Receivers
Simplex,
HFBR-4501Z/4511Z
FI
8
30
N
6
Simplex Latching,
HFBR-4503Z/4513Z
16
35
Duplex, HFBR-4506Z
13
46
Duplex Latching
HFBR-4516Z
22
51
Notes:
1. Typical data are at +25°C.
2. No perceivable reduction in retention force was observed after 2000 insertions. Retention force of non-latching connectors is lower at elevated
temperatures. Latching connectors are recommended for applications where a high retention force at high temperatures is desired.
3. For applications where frequent temperature cycling over temperature extremes is expected, please contact Broadcom Ltd. for alternate
connectoring techniques.
4. Minimum and maximum limit for
aCC for 0°C to +70°C temperature range. Typical value of aCC is at +25°C.
5. Factory polish or field polish per recommended procedure.
6. Destructive insertion force was typically at 178 N (40 lb.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com