Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFBR-RXXYYYZ Datasheet(PDF) 10 Page - Broadcom Corporation.

Part # HFBR-RXXYYYZ
Description  Plastic Optical Fiber Cable and Accessories for Versatile Link
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HFBR-RXXYYYZ Datasheet(HTML) 10 Page - Broadcom Corporation.

Back Button HFBR-RXXYYYZ Datasheet HTML 3Page - Broadcom Corporation. HFBR-RXXYYYZ Datasheet HTML 4Page - Broadcom Corporation. HFBR-RXXYYYZ Datasheet HTML 5Page - Broadcom Corporation. HFBR-RXXYYYZ Datasheet HTML 6Page - Broadcom Corporation. HFBR-RXXYYYZ Datasheet HTML 7Page - Broadcom Corporation. HFBR-RXXYYYZ Datasheet HTML 8Page - Broadcom Corporation. HFBR-RXXYYYZ Datasheet HTML 9Page - Broadcom Corporation. HFBR-RXXYYYZ Datasheet HTML 10Page - Broadcom Corporation. HFBR-RXXYYYZ Datasheet HTML 11Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Versatile Link Mechanical Dimensions, continued
HFBR-4516Z (Parchment) Duplex Latching Connector
HFBR-4503Z (Gray)/4513Z (Blue) Simplex Latching Connector
HFBR-4501Z (Gray)/4511Z (Blue) Simplex Connector
All dimensions in mm (inches).
All dimensions ±0.25 mm unless otherwise specified.
HFBR-4506Z (Parchment) Duplex Connector
3.81 (0.150)
3.81 (0.150)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com