Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFBR-RXXYYYZ Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # HFBR-RXXYYYZ
Description  Plastic Optical Fiber Cable and Accessories for Versatile Link
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HFBR-RXXYYYZ Datasheet(HTML) 2 Page - Broadcom Corporation.

  HFBR-RXXYYYZ Datasheet HTML 1Page - Broadcom Corporation. HFBR-RXXYYYZ Datasheet HTML 2Page - Broadcom Corporation. HFBR-RXXYYYZ Datasheet HTML 3Page - Broadcom Corporation. HFBR-RXXYYYZ Datasheet HTML 4Page - Broadcom Corporation. HFBR-RXXYYYZ Datasheet HTML 5Page - Broadcom Corporation. HFBR-RXXYYYZ Datasheet HTML 6Page - Broadcom Corporation. HFBR-RXXYYYZ Datasheet HTML 7Page - Broadcom Corporation. HFBR-RXXYYYZ Datasheet HTML 8Page - Broadcom Corporation. HFBR-RXXYYYZ Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Plastic Optical Fiber Specifications: HFBR-R/EXXYYYZ
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max. Unit
Note
Recommended Storage
Temperature
(HFBR-R/EXXYYYZ)
Ts
-55
+85
°C
Recommended Operating
Temperature
(HFBR-R/EXXYYYZ)
To
-40
+85
°C
Recommended Installation
Temperature
(HFBR-R/EXXYYYZ)
Ti
-20
+70
°C
1
Short Term Tensile Force
Single Channel
FT
50
N
2
Dual Channel
FT
100
N
Short Term Bend Radius
r
25
mm
3, 4
Long Term Bend Radius
r
35
mm
Long Term Tensile Load
FT
1
N
Flexing
1000
Cycles
4
UL VW-1 Flame Retardant
Mechanical/Optical Characteristics, TA = -40 to +85°C unless otherwise specified.
Parameter
Symbol
Min.
Typ.[5]
Max. Unit
Condition
Cable Attenuation
Source: 660nm LED, 0.5 NA
(HFBR-15xxZ)
Length:50m
Standard Cable,
Type="R"
aO
0.15
0.22
0.27
dB/m
TA=-40°C to +85°C
Extra Low Loss,
Type="E"
0.15
0.19
0.23
TA=-40°C to +85°C
Reference Attenuation
Source: 650nm, 0.5 NA
(monochrometer)
Length:50m
Standard Cable,
Type="R"
aR
0.12
0.19
0.24
dB/m
TA=-40°C to +85°C
Extra Low Loss,
Type="E"
0.12
0.16
0.19
TA=-40°C to +85°C
Numerical Aperture
NA
0.46
0.47
0.50
>2 meters
Diameter, Core and Cladding
DC
0.94
1.00
1.06
mm
Diameter, Jacket
DJ
2.13
2.20
2.27
mm
Simplex Cable
Propagation Delay Constant
l/v
5.0
ns/m
Note 6
Mass per Unit Length/Channel
5.3
g/m
Without Connectors
Cable Leakage Current
IL
12
nA
50 kV, l = 0.3 meters
Refractive Index
Core
Cladding
n
1.492
1.417
Notes:
1. Installation temperature is the range over which the cable can be bent and pulled without damage. Below -20°C the cable becomes brittle and
should not be subjected to mechanical stress.
2. Short Term Tensile Force is for less than 30 minutes.
3. Short Term Bend Radius is for less than 1 hour nonoperating.
4. 90° bend on 25 mm radius mandrel. Bend radius is the radius of the mandrel around which the cable is bent.
5. Typical data are at 25°C.
6. Propagation delay constant is the reciprocal of the group velocity for propagation delay of optical power. Group velocity is v=c/n where c is the
velocity of light in free space (3xl08 m/s) and n is the effective core index of refraction.
7. Note that
aR rises at the rate of about 0.0067 dB/°C, where the thermal rise refers to the LED temperature changes above 25°C. Please refer to
Figure 1 which shows the typical plastic optical fiber attenuation versus wavelength at 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com